Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25C0.14YY Datasheet (PDF) - Belden Inc.

25C0.14YY Datasheet PDF - Belden Inc.
Part # 25C0.14YY
Download  25C0.14YY Download
File Size   156.01 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiYY, 25 C 0.14mm² Str BC, PVC Ins, PVC Jkt

25C0.14YY Datasheet (PDF)

Go To PDF Page Download Datasheet
25C0.14YY Datasheet PDF - Belden Inc.

Part # 25C0.14YY
Download  25C0.14YY Click to download

File Size   156.01 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiYY, 25 C 0.14mm² Str BC, PVC Ins, PVC Jkt

25C0.14YY Datasheet (HTML) - Belden Inc.


25C0.14YY Product details

Product Description
MachFlex™ LiYY PVC Control & Signal Cables, 25 Conductor 0.14mm² Stranded Bare Copper, PVC Insulation, PVC Jacket




Similar Part No. - 25C0.14YY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
25C0.25HH BELDEN-25C0.25HH Datasheet
158Kb / 2P
MachFlex™ LiHH, 25 C 0.25mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
25C0.25HH-006100M BELDEN-25C0.25HH-006100M Datasheet
158Kb / 2P
MachFlex™ LiHH, 25 C 0.25mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
25C0.25HH-006200M BELDEN-25C0.25HH-006200M Datasheet
158Kb / 2P
MachFlex™ LiHH, 25 C 0.25mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
25C0.25HH-006300M BELDEN-25C0.25HH-006300M Datasheet
158Kb / 2P
MachFlex™ LiHH, 25 C 0.25mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
25C0.25HH-010100M BELDEN-25C0.25HH-010100M Datasheet
158Kb / 2P
MachFlex™ LiHH, 25 C 0.25mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
More results


Similar Description - 25C0.14YY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8629 BELDEN-8629 Datasheet
166Kb / 2P
Electronic, 12 C #14 Str TC, PVC Ins, PVC Jkt
05-05-2023
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
9626 BELDEN-9626 Datasheet
216Kb / 2P
Electronic, 25 C #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8459 BELDEN-8459 Datasheet
222Kb / 2P
Electronic, 25 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
9622 BELDEN-9622 Datasheet
193Kb / 2P
Electronic, 25 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
19140 BELDEN-19140 Datasheet
143Kb / 2P
Portable Cordage, 2 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
19352 BELDEN-19352 Datasheet
139Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
19362 BELDEN-19362 Datasheet
142Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
28611A BELDEN-28611A Datasheet
158Kb / 2P
TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com