Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWT-06075-SB Datasheet (PDF) - Eravant

SWT-06075-SB Datasheet PDF - Eravant
Part # SWT-06075-SB
Download  SWT-06075-SB Download
File Size   217.62 Kbytes
Page   1 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description WR-06 to Circular Waveguide Mode Transition, 0.075” Diameter

SWT-06075-SB Datasheet (PDF)

Go To PDF Page Download Datasheet
SWT-06075-SB Datasheet PDF - Eravant

Part # SWT-06075-SB
Download  SWT-06075-SB Click to download

File Size   217.62 Kbytes
Page   1 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description WR-06 to Circular Waveguide Mode Transition, 0.075” Diameter

SWT-06075-SB Datasheet (HTML) - Eravant


SWT-06075-SB Product details

Description:
Model SWT-06075-SB-WP is a WR-06 to 0.075” diameter circular waveguide mode transition. The mode transition is manufactured by either EDM machining or electro-forming techniques to ensure high accuracy and a quality surface finish. The transition only induces a fraction of a dB insertion loss and offers a return loss of 26 dB or better. The nominal operating frequency is 115 to 140 GHz. The dominate mode frequency range can be extended to cover 115 to 170 GHz if the higher order waveguide mode is not excited.
Features:
• Rugged Waveguide Configuration
• Low Insertion Loss
• Instrumentation Grade
Applications:
• Test Labs
• Test Instrumentation
• Sub-assemblies




Similar Part No. - SWT-06075-SB

ManufacturerPart #DatasheetDescription
logo
Eravant
SWT-0603-LB ERAVANT-SWT-0603-LB Datasheet
213Kb / 1P
WR-06 to WR-03 Waveguide Taper Transition
SWT-0604-LB ERAVANT-SWT-0604-LB Datasheet
192Kb / 1P
WR-06 to WR-04 Waveguide Taper Transition
SWT-0605-LB ERAVANT-SWT-0605-LB Datasheet
252Kb / 2P
WR-06 to WR-05 Waveguide Taper Transition
Rev 1.1
SWT-06059-SB ERAVANT-SWT-06059-SB Datasheet
213Kb / 1P
WR-06 to Circular Waveguide Mode Transition, 0.059” Diameter
Rev. 1.1
SWT-06067-SB ERAVANT-SWT-06067-SB Datasheet
255Kb / 2P
WR-06 to Circular Waveguide Mode Transition, 0.067” Diameter
Rev. 1.0
More results


Similar Description - SWT-06075-SB

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWTS1001 PASTERNACK-PEWTS1001 Datasheet
402Kb / 3P
WR-137 to WR-112 Waveguide Transition 6 Inch Length, CPR-137G Grooved Flange to CPR-112G Grooved Flange
PEWTS1003 PASTERNACK-PEWTS1003 Datasheet
388Kb / 3P
WR-112 to WR-90 Waveguide Transition 3 Inch Length, CPR-112G Grooved Flange to CPR-90G Grooved Flange
PEWTS1004 PASTERNACK-PEWTS1004 Datasheet
397Kb / 3P
WR-90 to WR-75 Waveguide Transition 3 Inch Length, UG-39/U Square Cover Flange to Square Cover Flange
PEWTS1005 PASTERNACK-PEWTS1005 Datasheet
385Kb / 3P
WR-90 to WR-75 Waveguide Transition 3 Inch Length, CPR-90G Grooved Flange to Square Cover Flange
PEWTS1006 PASTERNACK-PEWTS1006 Datasheet
398Kb / 3P
WR-75 to WR-62 Waveguide Transition 3 Inch Length, Square Cover Flange to UG-1665/U Square Cover Flange
PEWTS1007 PASTERNACK-PEWTS1007 Datasheet
397Kb / 3P
WR-62 to WR-51 Waveguide Transition 3 Inch Length, UG-1665/U Square Cover Flange to Square Cover Flange
logo
Wurth Elektronik GmbH &...
61201422323 WURTH-61201422323 Datasheet
810Kb / 6P
WR-BHD Board to Cable Transition Connector
002.000
61202022323 WURTH-61202022323 Datasheet
810Kb / 6P
WR-BHD Board to Cable Transition Connector
002.000
61202622323 WURTH-61202622323 Datasheet
810Kb / 6P
WR-BHD Board to Cable Transition Connector
002.000
62505022323 WURTH-62505022323 Datasheet
238Kb / 4P
WR-BHD Board-to-Cable Transition Connector
002.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com