Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-1 Datasheet (PDF) - Analog Devices

ADA4620-1 Datasheet PDF - Analog Devices
Part # ADA4620-1
Download  ADA4620-1 Download
File Size   2925.83 Kbytes
Page   49 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output

ADA4620-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4620-1 Datasheet PDF - Analog Devices

Part # ADA4620-1
Download  ADA4620-1 Click to download

File Size   2925.83 Kbytes
Page   49 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output

ADA4620-1 Datasheet (HTML) - Analog Devices


ADA4620-1 Product details

FEATURES
 Low offset voltage: ±30 μV typ
 Low offset voltage drift: ±0.32 μV/°C typ
 Low input bias current: ±0.8 pA typ, ±5 pA max
 Low 1/f noise: 225 nV p-p, 0.1 Hz to 10 Hz typ
 Voltage noise density: 5.1 nV/√Hz at 1 kHz typ
 Gain bandwidth product: 16.5 MHz typ
 High slew rate: 32 V/μs typ
 Low THD: −148 dB at 1 kHz typ
 Low supply current: 1.3 mA per amplifier typ
 Wide power supply range:
 Single supply: 4.5 V to 36 V
 Dual supplies: ±2.25 V to ±18 V
 No phase reversal
 Unity-gain stable
 Extended high input common-mode range
 (V+) − 4.4 V < VCM ≤ (V+)
 Multiple channel options:
 ADA4620-1 single channel
 ADA4620-2 dual channel
APPLICATIONS
 Transimpedance amplifiers
 Electronic test and measurement
 Scientific and field instruments
 Semiconductor test
 Data acquisition systems
 High impedance sensors




Similar Part No. - ADA4620-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4620-1 AD-ADA4620-1 Datasheet
467Kb / 15P
36 V, Precision, Low Noise, 16 MHz JFET Op Amp with Rail-to-Rail Output
Rev. PrG
More results


Similar Description - ADA4620-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
Low Noise, Rail-to-Rail Precision Op Amp
logo
Analog Devices
AD8675 AD-AD8675 Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
logo
Linear Technology
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
logo
Texas Instruments
OPA2140 TI-OPA2140 Datasheet
807Kb / 25P
High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
logo
Analog Devices
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
logo
Linear Technology
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
logo
Texas Instruments
OPA140 TI-OPA140_15 Datasheet
1Mb / 44P
High-Precision, Low-Noise, Rail-to-Rail Output,11-MHz JFET Op Amp
OPA140 TI-OPA140_V01 Datasheet
2Mb / 48P
OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com