Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS12241 Datasheet (PDF) - Semtech Corporation

GS12241 Datasheet PDF - Semtech Corporation
Part # GS12241
Download  GS12241 Download
File Size   4148.06 Kbytes
Page   108 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 12G UHD-SDI Re-timing Adaptive Cable Equalizer

GS12241 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS12241 Datasheet PDF - Semtech Corporation

Part # GS12241
Download  GS12241 Click to download

File Size   4148.06 Kbytes
Page   108 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 12G UHD-SDI Re-timing Adaptive Cable Equalizer

GS12241 Datasheet (HTML) - Semtech Corporation


GS12241 Product details

Key Features
• 75Ω cable input interface with on-chip termination
• SMPTE ST 2082-1, ST 2081-1, ST 424, ST 292-1 and ST 259
compliant input/output
• Multi-standard operation from 1Mb/s to 11.88Gb/s
• In addition to standard SMPTE rates, the device also supports
re-timing of DVB-ASI at 270Mb/s, and MADI at 125Mb/s
• 3D Input Signal Eye Monitor
• PRBS generator and checker
• Automatic cable equalization—typical equalized cable
lengths of Belden 1694A cable:
 80m at 11.88Gb/s
 100m at 5.94Gb/s
 190m at 2.97Gb/s
 260m at 1.485Gb/s
 450m at 270Mb/s and 125Mb/s
• Cable equalizer mode features:
 Automatic power down on loss of signal
 Programmable carrier detect with squelch threshold
adjustment
 Programmable launch swing compensation for
non-compliant source
 Manual and automatic cable equalizer bypass
• Trace driver features:
 Integrated 100Ω, differential output termination
 Extends output DC-coupling support with 1.2V to 2.5V
output supply range
 Trace driver data output pre-emphasis to compensate for
up to 20” FR4 at 11.88Gb/s
 Manual or automatic re-timer bypass
 Manual or automatic mute or disable on LOS
• CDR features:
 Manual or automatic rate modes
 Wide Loop bandwidth control
 Re-timing at the following data rates: 125Mb/s, 270Mb/s,
1.485Gb/s, 2.97Gb/s, 5.94Gb/s, and 11.88Gb/s—this
includes the f/1.001 rates

Additional Features
• Single 1.8V power supply for analog and digital core
• GSPI serial control and monitoring interface
• Four configurable GPIO pins for control or status monitoring
• Wide operating temperature range: -40ºC to +85ºC
• Small 6mm x 4mm 40-pin QFN
• Pin compatible with the GS12141, GS12142, and GS3241
• Pb-free/Halogen-free/RoHS and WEEE compliant package

Applications
Next Generation 12G UHD-SDI infrastructures designed to
support UHDTV1, UHDTV2, 4K D-Cinema and 3D HFR and HDR
production image formats. Typical applications: Monitors,
Switchers, Distribution Amplifiers and Routers.

Description
The GS12241 is a low-power, multi-rate re-timing Cable Equalizer
supporting rates up to 12G UHD-SDI. It is designed to equalize and
restore signals received over 80m coaxial cable at 12G,
compensate for DC content of SMPTE pathological signals, and
re-time the incoming data.
The integrated eye monitor provides non-disruptive mission
mode analysis of the post equalized input signal. The 256x128
resolution scan matrix allows accurate signal analysis to speed up
prototyping and enable field analysis.
Built in macros enable customizable cross section analysis and
quick horizontal and vertical eye opening measurements.
With high phase consistency between scans and configurable
space and time thresholds, algorithms can be deployed in the
field to analyse long term signal quality variation (Bathtub Plot) to
reduce costly system installation debug time for intermittent
errors.
The two independently controlled trace drivers feature highly
configurable pre-emphasis and swing controls to compensate for
long trace and connector losses. The pre-emphasis pulse width
can be optimized to compensate for perturbations to frequency
response of transmission lines due to vias connectors and stubs.
The GS12241 is pin compatible with the GS12141 single input and
the GS12142 dual input 12G UHD-SDI Multi-rate Re-timing Cable
Equalizers, as well as the GS3241 3G SDI Multi-rate Re-timing
Cable Equalizer.
Note: For the GS12241 to be pin compatible with the GS12142,
careful design considerations are required. Contact for your local
Semtech FAE for details.




Similar Part No. - GS12241

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS12281 SEMTECH-GS12281 Datasheet
3Mb / 97P
12G UHD-SDI Re-timing Cable Driver
GS12281-INE3 SEMTECH-GS12281-INE3 Datasheet
3Mb / 97P
12G UHD-SDI Re-timing Cable Driver
GS12281-INTE3 SEMTECH-GS12281-INTE3 Datasheet
3Mb / 97P
12G UHD-SDI Re-timing Cable Driver
GS12281-INTE3Z SEMTECH-GS12281-INTE3Z Datasheet
3Mb / 97P
12G UHD-SDI Re-timing Cable Driver
More results


Similar Description - GS12241

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
Texas Instruments
LMH1219 TI1-LMH1219 Datasheet
722Kb / 9P
Low Power 12G UHD Adaptive Cable Equalizer with Integrated Reclocker
logo
Semtech Corporation
GS3241 SEMTECH-GS3241 Datasheet
4Mb / 108P
3G-SDI Re-timing Adaptive Cable Equalizer
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
12G UHD-SDI Cable Driver
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12190 SEMTECH-GS12190 Datasheet
2Mb / 121P
Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
GS12281 SEMTECH-GS12281 Datasheet
3Mb / 97P
12G UHD-SDI Re-timing Cable Driver
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
12G UHD-SDI Reclocking Adaptive Cable Equalizer
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com