Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX9328 Datasheet (PDF) - Semtech Corporation

SX9328 Datasheet PDF - Semtech Corporation
Part # SX9328
Download  SX9328 Download
File Size   925.64 Kbytes
Page   38 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description PerSe® Connect, High Performance 3-ch. SAR Sensor

SX9328 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX9328 Datasheet PDF - Semtech Corporation

Part # SX9328
Download  SX9328 Click to download

File Size   925.64 Kbytes
Page   38 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description PerSe® Connect, High Performance 3-ch. SAR Sensor

SX9328 Datasheet (HTML) - Semtech Corporation


SX9328 Product details

Features
• ~1.8V Input Supply Voltage
• Up to 3 Capacitive Sensor Inputs
⬧ Capacitance Resolution down to 0.008fF
⬧ Capacitance Offset Compensation up to 180pF
⬧ Advanced Temperature Compensation
• Automatic Calibration
• Ultra Low Power Consumption
⬧ Active Mode: 22 uA
⬧ Doze Mode: 6 uA
⬧ Sleep Mode: 1.75 uA
• 400kHz I2C Serial Interface
⬧ 2 Sub-Addresses Selectable by Pin
• Programmable Interrupt or Real-Time Status Pin
• Two Reset Sources: POR, Soft Reset
• -40°C to +85°C Operation
• Compact Size: 0.92 x 1.69 mm WLCSP
package
• Pb & Halogen Free, RoHS/WEEE compliant

Applications
• Mobile Phones
• Tablets
• Notebooks

Description
The SX9328 is a capacitive Specific Absorption Rate
(SAR) controller.
The SX9328 can use any of its three sensor inputs to
detect an object. The resulting detection is then used in
portable electronic devices to reduce and control radiofrequency
(RF) emission power in the presence of a
human body, enabling significant performance
advantages for manufacturers of electronic devices with
electro-magnetic radiation sources to meet stringent
emission regulations' criteria and Specific Absorption
Rate (SAR) standards.
Operating directly from an input supply voltage of 1.7 to
2V, the SX9328 outputs its data via I2C serial bus. The
I2C serial communication bus port is compatible with 1.8V
host control to report body detection/proximity and to
facilitate parameter settings adjustment. Upon proximity
detection, the NIRQ output asserts, enabling the user to
either determine the relative proximity distance, or simply
obtain an indication of detection.
The SX9328 includes an on-chip auto-calibration
controller that regularly performs sensitivity adjustments
to maintain peak performance over a wide variation of
temperature, humidity and noise environments, providing
simplified product development and enhanced
performance.




Similar Part No. - SX9328

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX9324 SEMTECH-SX9324 Datasheet
1,021Kb / 47P
Ultra Low Power, Smart Proximity Sensor for SAR
October 12, 2017
SX9324EVKA SEMTECH-SX9324EVKA Datasheet
1,021Kb / 47P
Ultra Low Power, Smart Proximity Sensor for SAR
October 12, 2017
SX9324ICSTRT SEMTECH-SX9324ICSTRT Datasheet
1,021Kb / 47P
Ultra Low Power, Smart Proximity Sensor for SAR
October 12, 2017
More results


Similar Description - SX9328

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CCD47-20 ETC1-CCD47-20 Datasheet
115Kb / 11P
High Performance CCD Sensor
6-13 ETC2-6-13 Datasheet
241Kb / 2P
HIGH PERFORMANCE PRESSURE SENSOR
logo
Vishay Siliconix
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
21-May-07
logo
OmniVision Technologies...
OV03640-VL9A OMNIVISION-OV03640-VL9A Datasheet
167Kb / 2P
1/4-inch, high-performance 3 Megapixel CameraChip sensor
OV03647-V47A OMNIVISION-OV03647-V47A Datasheet
165Kb / 2P
high-performance 1/4-inch, 3 megapixel CameraChip sensor
logo
Vishay Siliconix
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
23-May-11
logo
Pixart Imaging Inc.
SDNS-3988 PIXART-SDNS-3988 Datasheet
1Mb / 10P
High Performance Gaming Sensor
logo
MEMSIC Semiconductor (T...
MMC5883MA MEMSIC-MMC5883MA Datasheet
441Kb / 15P
짹8Gauss, High Performance, Low Cost 3-axis Magnetic Sensor
Rev.C
MMC5983MA MEMSIC-MMC5983MA Datasheet
975Kb / 20P
짹8 Gauss, High Performance 3-axis Magnetic Sensor
Rev A
logo
Arduino
ABX00053 ARDUINO-ABX00053 Datasheet
703Kb / 19P
Arduino® Nano RP2040 Connect
12/07/2022
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com