Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY62167EV18 Datasheet (PDF) - Cypress Semiconductor

CY62167EV18 Datasheet PDF - Cypress Semiconductor
Part # CY62167EV18
Download  CY62167EV18 Download
File Size   530.73 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 16-Mbit (1M x 16) Static RAM

CY62167EV18 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY62167EV18 Datasheet PDF - Cypress Semiconductor

Part # CY62167EV18
Download  CY62167EV18 Click to download

File Size   530.73 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 16-Mbit (1M x 16) Static RAM

CY62167EV18 Datasheet (HTML) - Cypress Semiconductor


CY62167EV18 Product details

Functional Description
The CY62167EV18 is a high performance CMOS static RAM organized as 1M words by 16 bits. This device features advanced circuit design to provide ultra low active current. This is ideal for providing More Battery Life™ (MoBL®) in portable applications such as cellular telephones. The device also has an automatic power down feature that reduces power consumption by 99 percent when addresses are not toggling.

Features
■ Very high speed: 55 ns
■ Wide voltage range: 1.65V to 2.25V
■ Ultra low standby power
   ❐ Typical standby current: 1.5 μA
   ❐ Maximum standby current: 12 μA
■ Ultra low active power
   ❐ Typical active current: 2.2 mA at f = 1 MHz
■ Easy memory expansion with CE1, CE2, and OE features
■ Automatic power down when deselected
■ CMOS for optimum speed and power
■ Offered in Pb-free 48-ball VFBGA packages




Similar Part No. - CY62167EV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167EV18 CYPRESS-CY62167EV18 Datasheet
482Kb / 13P
16 Mbit (1M x 16) Static RAM
CY62167EV18 CYPRESS-CY62167EV18 Datasheet
314Kb / 16P
16 Mbit (1M x 16) Static RAM Automatic power down when deselected
CY62167EV18LL-55BAXI CYPRESS-CY62167EV18LL-55BAXI Datasheet
482Kb / 13P
16 Mbit (1M x 16) Static RAM
CY62167EV18LL-55BVI CYPRESS-CY62167EV18LL-55BVI Datasheet
482Kb / 13P
16 Mbit (1M x 16) Static RAM
CY62167EV18LL-55BVI CYPRESS-CY62167EV18LL-55BVI Datasheet
314Kb / 16P
16 Mbit (1M x 16) Static RAM Automatic power down when deselected
More results


Similar Description - CY62167EV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167DV30 CYPRESS-CY62167DV30 Datasheet
265Kb / 12P
16-Mbit (1M x 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_07 Datasheet
642Kb / 10P
16-Mbit (1M x 16) Static RAM
CY7C1061BV33 CYPRESS-CY7C1061BV33 Datasheet
307Kb / 9P
16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_06 Datasheet
344Kb / 12P
16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33_07 Datasheet
545Kb / 11P
16-Mbit (1M x 16) Static RAM
CY62167DV18 CYPRESS-CY62167DV18_07 Datasheet
543Kb / 11P
16-Mbit (1M x 16) Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_09 Datasheet
349Kb / 12P
16-Mbit (1M x 16) Static RAM
CY62167EV18 CYPRESS-CY62167EV18 Datasheet
482Kb / 13P
16 Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_10 Datasheet
319Kb / 17P
16-Mbit (1M x 16) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com