Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA73033M Datasheet (PDF) - Sanyo Semicon Device

LA73033M Datasheet PDF - Sanyo Semicon Device
Part # LA73033M
Download  LA73033M Download
File Size   272.08 Kbytes
Page   24 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC I2C bus control (excluding standby control and RGB through control)

LA73033M Datasheet (PDF)

Go To PDF Page Download Datasheet
LA73033M Datasheet PDF - Sanyo Semicon Device

Part # LA73033M
Download  LA73033M Click to download

File Size   272.08 Kbytes
Page   24 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC I2C bus control (excluding standby control and RGB through control)

LA73033M Datasheet (HTML) - Sanyo Semicon Device


LA73033M Product details

Overview
This LA73033M is DVD recorder video signal input SW & output driver.

Functions
[SW side]
    • Composite signal five-input SW and S signal three-input SW
    • Keyed clamp
    • Component signal or RGB signal 1 input
    • 0dB/ 6dB amplifier
    • AGC amplifier (composite and Y signal only)
    • LPF for removal of 13.5MHz clock
    • Composite output/ Y output changeover switch
    • Compatible with standby (two types)
    • C.SYNC & V.SYNC output

[Driver side]
    • Six-channel input & six-channel output of composite signal & S signal & component or RGB signal
    • Clamp (keyed clamp for Cb and Cr)
    • 6dB/ 9dB amplifier amplifier
    • LPF for removal of 27MHz/ 54MHz clock
    • Output mute (three types)
    • 75Ω driver (two drives possible)
    • Through changeover of RGB signal from the SW side
    • Y/ C-MIX
    • DC output for S1/ S2
    • SCART-RGB/ YC changeover SW




Similar Part No. - LA73033M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73031V SANYO-LA73031V Datasheet
371Kb / 10P
For DVD Recorder Video Signal Input Switch
logo
ON Semiconductor
LA73031V ONSEMI-LA73031V Datasheet
436Kb / 10P
Video Signal Input Switch
July, 2013
More results


Similar Description - LA73033M

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1857A NEC-UPC1857A Datasheet
343Kb / 44P
SOUND CONTROL IC WITH SURROUND AND I2C BUS
logo
Sanyo Semicon Device
LA76843N SANYO-LA76843N Datasheet
516Kb / 3P
Monolithic Linear IC I2C Bus Control IC
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
Monolithic Linear IC I2C Bus Control IC
LA76828N SANYO-LA76828N Datasheet
526Kb / 3P
I2C Bus Control IC
LA5663V SANYO-LA5663V Datasheet
688Kb / 15P
Monolithic Linear IC Phase Control Voltage Inverter Control IC
LA76832N SANYO-LA76832N Datasheet
385Kb / 39P
Monolithic Linear IC I2C Bus Control IC
logo
Renesas Technology Corp
RD3ST24 RENESAS-RD3ST24 Datasheet
221Kb / 10P
Standby Control IC
logo
NXP Semiconductors
TEA1703T NXP-TEA1703T Datasheet
231Kb / 15P
GreenChip SMPS standby control IC
Rev. 2.3-28 April 2011
logo
Sanyo Semicon Device
LA76843N SANYO-LA76843N_06 Datasheet
146Kb / 3P
I2C Bus Control IC
logo
Renesas Technology Corp
RD3ST24 RENESAS-RD3ST24_15 Datasheet
238Kb / 12P
Standby Control IC
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com