Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-12EF-R1 Datasheet (PDF) - Eravant

SWC-12EF-R1 Datasheet PDF - Eravant
Part # SWC-12EF-R1
Download  SWC-12EF-R1 Download
File Size   233.9 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description E-Band Waveguide to 1.35 mm Connector Adapter, Right Angle

SWC-12EF-R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SWC-12EF-R1 Datasheet PDF - Eravant

Part # SWC-12EF-R1
Download  SWC-12EF-R1 Click to download

File Size   233.9 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description E-Band Waveguide to 1.35 mm Connector Adapter, Right Angle

SWC-12EF-R1 Datasheet (HTML) - Eravant


SWC-12EF-R1 Product details

Description:
Models SWC-12EF-R1 and SWC-12EM-R1 are right angle (90°) E-Band waveguide to coax adapters that cover the frequency range of 60 to 90 GHz. They are designed and manufactured for instrumentation grade quality but offered at a commercial grade price, allowing for an efficient transition between the rectangular waveguide and 1.35 mm coax connector. The end launch (180°) versions are offered under model numbers SWC-12EF-E1 and SWC-12EM-E1.
Features:
• Full Waveguide Band Coverage
• Low Insertion Loss and VSWR
• Instrumentation Grade
• DC Open Circuit
Applications:
• Test Lab
• Instrumentations
• Sub-assemblies




Similar Part No. - SWC-12EF-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-12EF-E1 ERAVANT-SWC-12EF-E1 Datasheet
345Kb / 3P
E-Band Waveguide to 1.35mm Connector Adapter, End Launch
Rev 1.2
More results


Similar Description - SWC-12EF-R1

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
logo
Pomona Electronics
4282 POMONA-4282 Datasheet
25Kb / 1P
Adapter, SMA, Male To Female, Right Angle
73053 POMONA-73053 Datasheet
114Kb / 1P
TNC Right-Angle Jack to Plug Adapter
logo
Microsemi Corporation
M09207 MICROSEMI-M09207 Datasheet
147Kb / 2P
K Band Waveguide Modulator
logo
Tensility International...
CA-2214 TENSILITY-CA-2214 Datasheet
119Kb / 2P
Extension cable, 3.5 x 1.35 mm dc jack to right angle P7, 6 feet, 24 AWG, zip cord
logo
Hirose Electric
MS-156C HIROSE-MS-156C_17 Datasheet
1Mb / 12P
Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
logo
Pasternack Enterprises,...
PE-W12CA001 PASTERNACK-PE-W12CA001 Datasheet
407Kb / 4P
WR-12 UG-387/U Round Cover Flange to 1.0mm Female Waveguide to Coax Adapter Operating From 60 GHz to 90 GHz, E Band
PE-W12CA002 PASTERNACK-PE-W12CA002 Datasheet
403Kb / 4P
WR-12 UG-387/U Round Cover Flange to 1.0mm Male Waveguide to Coax Adapter Operating From 60 GHz to 90 GHz, E Band
logo
Marki Microwave
RA-40 MARKIMICROWAVE-RA-40 Datasheet
215Kb / 2P
Right-Angle Adapter
RA-50 MARKIMICROWAVE-RA-50 Datasheet
242Kb / 2P
Right-Angle Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com