Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-15EF-R1 Datasheet (PDF) - Eravant

SWC-15EF-R1 Datasheet PDF - Eravant
Part # SWC-15EF-R1
Download  SWC-15EF-R1 Download
File Size   220.09 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description V-Band Waveguide to 1.35 mm Connector Adapter, Right Angle

SWC-15EF-R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SWC-15EF-R1 Datasheet PDF - Eravant

Part # SWC-15EF-R1
Download  SWC-15EF-R1 Click to download

File Size   220.09 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description V-Band Waveguide to 1.35 mm Connector Adapter, Right Angle

SWC-15EF-R1 Datasheet (HTML) - Eravant


SWC-15EF-R1 Product details

FEATURES
Full Waveguide Band Coverage
Low Insertion Loss and VSWR
Instrumentation Grade
DC Open Circuit
APPLICATIONS
Test Lab
Instrumentations
Sub-assemblies




Similar Part No. - SWC-15EF-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-15EF-E1 ERAVANT-SWC-15EF-E1 Datasheet
300Kb / 3P
V-Band Waveguide to 1.35 mm Connector Adapter, End Launch
Rev 1.5
More results


Similar Description - SWC-15EF-R1

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
logo
Pomona Electronics
4282 POMONA-4282 Datasheet
25Kb / 1P
Adapter, SMA, Male To Female, Right Angle
73053 POMONA-73053 Datasheet
114Kb / 1P
TNC Right-Angle Jack to Plug Adapter
logo
Microsemi Corporation
M09207 MICROSEMI-M09207 Datasheet
147Kb / 2P
K Band Waveguide Modulator
logo
Tensility International...
CA-2214 TENSILITY-CA-2214 Datasheet
119Kb / 2P
Extension cable, 3.5 x 1.35 mm dc jack to right angle P7, 6 feet, 24 AWG, zip cord
logo
Pasternack Enterprises,...
PE9865 PASTERNACK-PE9865 Datasheet
109Kb / 1P
WAVEGUIDE END LAUNCH TO COAX ADAPTER,SMA FEMALE
logo
List of Unclassifed Man...
MS-156C ETC2-MS-156C Datasheet
757Kb / 10P
Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
logo
Hirose Electric
MS-156C HIROSE-MS-156C_17 Datasheet
1Mb / 12P
Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
logo
Marki Microwave
RA-40 MARKIMICROWAVE-RA-40 Datasheet
215Kb / 2P
Right-Angle Adapter
RA-50 MARKIMICROWAVE-RA-50 Datasheet
242Kb / 2P
Right-Angle Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com