Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-15VF-R1-1.0 Datasheet (PDF) - Eravant

SWC-15VF-R1-1.0 Datasheet PDF - Eravant
Part # SWC-15VF-R1-1.0
Download  SWC-15VF-R1-1.0 Download
File Size   324.47 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description V-Band Waveguide to 1.85 mm Connector Adapter, Right Angle

SWC-15VF-R1-1.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
SWC-15VF-R1-1.0 Datasheet PDF - Eravant

Part # SWC-15VF-R1-1.0
Download  SWC-15VF-R1-1.0 Click to download

File Size   324.47 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description V-Band Waveguide to 1.85 mm Connector Adapter, Right Angle

SWC-15VF-R1-1.0 Datasheet (HTML) - Eravant


SWC-15VF-R1-1.0 Product details

Description:
Models SWC-15VF-R1-1.0 and SWC-15VM-R1-1.0 are right angle (90°) V-Band waveguide to coax adapters that cover the frequency range of 50 to 70 GHz. They are designed and manufactured for instrumentation grade quality but offered at a commercial grade price, allowing for an efficient transition between the rectangular waveguide and 1.85 mm coax connector.
Features:
• Broadband Coverage
• Low Insertion Loss and VSWR
• Instrumentation Grade
• DC Open Circuit
Applications:
• Test Lab
• Instrumentations
• Sub-assemblies




Similar Part No. - SWC-15VF-R1-1.0

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-15VF-R1-V ERAVANT-SWC-15VF-R1-V Datasheet
350Kb / 3P
V-Band Waveguide to 1.85mm Connector Adapter, Right Angle, Thermal Vacuum Safe
Rev 1.3
SWC-15VF-R1-WR ERAVANT-SWC-15VF-R1-WR Datasheet
397Kb / 2P
V-Band Waveguide to Coax Panel Mount Adapter, Right Angle
Rev. 1.1
More results


Similar Description - SWC-15VF-R1-1.0

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
185M-KF MINI-185M-KF Datasheet
202Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-F
185M-KM MINI-185M-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-M
185F-24F MINI-185F-24F Datasheet
218Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-F
185F-24M MINI-185F-24M Datasheet
178Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-M
185F-185F MINI-185F-185F Datasheet
212Kb / 2P
Adapter 1.85 mm-F to 1.85 mm-F
185M-24M MINI-185M-24M Datasheet
222Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-M
185M-185F MINI-185M-185F Datasheet
182Kb / 2P
Adapter 1.85 mm-M to 1.85 mm-F
185M-185M MINI-185M-185M Datasheet
229Kb / 2P
Adapter 1.85 mm-M to 1.85 mm-M
logo
Amphenol Corporation
SF1133-6038 AMPHENOL-SF1133-6038 Datasheet
98Kb / 1P
1.85 mm FEMALE TO FEMALE ADAPTER
SF1133-6009 AMPHENOL-SF1133-6009 Datasheet
91Kb / 1P
1.85 mm MALE TO MALE ADAPTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com