Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40074 Datasheet (PDF) - 3M Electronics

40074 Datasheet PDF - 3M Electronics
Part # 40074
Download  40074 Download
File Size   41.06 Kbytes
Page   1 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 6” Radial Bristle Brush, TA

40074 Datasheet (PDF)

Go To PDF Page Download Datasheet
40074 Datasheet PDF - 3M Electronics

Part # 40074
Download  40074 Click to download

File Size   41.06 Kbytes
Page   1 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 6” Radial Bristle Brush, TA

40074 Datasheet (HTML) - 3M Electronics


40074 Product details

• Durable radial brushes can be used to replace wire brushes on most
bench motors for general maintenance and production.
• A tough, flexible product which provides a faster cut and more uniform
finish on a variety of coatings.
• Cleans with minimal pressure.
• Abrasive mineral: aluminum oxide and Cubitron™ Abrasive grain




Similar Part No. - 40074

ManufacturerPart #DatasheetDescription
logo
Heyco.
4007 HEYCO-4007 Datasheet
95Kb / 1P
EPDM Snap-In Liquid Tight Bushings
logo
Adafruit Industries
4007 ADAFRUIT-4007 Datasheet
509Kb / 3P
Ultrasonic Distance Sensor - 3V or 5V - HC-SR04 compatible - RCWL-1601
1-23-19
logo
Elma Electronic Ltd
4007-35 ELMA-4007-35 Datasheet
634Kb / 5P
Selector Switch Type 01
4007-36 ELMA-4007-36 Datasheet
634Kb / 5P
Selector Switch Type 01
logo
Comchip Technology
4007-HFCGRMT COMCHIP-4007-HFCGRMT Datasheet
163Kb / 4P
Low Profile SMD General Purpose Rectifiers
More results


Similar Description - 40074

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
DC BRUSH MOTOR CONTROLLER
logo
Mallory performance clu...
3146A MALLORY-3146A Datasheet
44Kb / 2P
REPLACEMENT BRUSH KIT
logo
CML Microcircuits
CMX625 CMLMICRO-CMX625 Datasheet
862Kb / 34P
ISDN TA POTS Interface
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
DC CARBON-BRUSH MOTORS
logo
Texas Instruments
TPIC2101 TI1-TPIC2101_12 Datasheet
397Kb / 21P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
DC Brush Motor Drivers
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
DC Brush Motor Drivers
logo
TE Connectivity Ltd
C-2213365 TEC-C-2213365 Datasheet
526Kb / 4P
DIMMABLE PHOTOCONTROL BRUSH CONTACT
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com