Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL6408A Datasheet (PDF) - NXP Semiconductors

PCAL6408A Datasheet PDF - NXP Semiconductors
Part # PCAL6408A
Download  PCAL6408A Download
File Size   732.26 Kbytes
Page   59 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers

PCAL6408A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCAL6408A Datasheet PDF - NXP Semiconductors

Part # PCAL6408A
Download  PCAL6408A Click to download

File Size   732.26 Kbytes
Page   59 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers

PCAL6408A Datasheet (HTML) - NXP Semiconductors


PCAL6408A Product details

Features and benefits
• I2C-bus to parallel port expander
• Operating power supply voltage range of 1.65 V to 5.5 V
• Allows bidirectional voltage-level translation and GPIO expansion between:
– 1.8 V SCL/SDA and 1.8 V, 2.5 V, 3.3 V or 5 V Port P
– 2.5 V SCL/SDA and 1.8 V, 2.5 V, 3.3 V or 5 V Port P
– 3.3 V SCL/SDA and 1.8 V, 2.5 V, 3.3 V or 5 V Port P
– 5 V SCL/SDA and 1.8 V, 2.5 V, 3.3 V or 5 V Port P
• Low standby current consumption of 1 μA
• Schmitt-trigger action allows slow input transition and better switching noise immunity at the SCL and SDA
inputs
– Vhys = 0.18 V (typical) at 1.8 V
– Vhys = 0.25 V (typical) at 2.5 V
– Vhys = 0.33 V (typical) at 3.3 V
– Vhys = 0.5 V (typical) at 5 V
• 5 V tolerant I/O ports
• Active LOW reset input (RESET)
• Open-drain active LOW interrupt output (INT)
• 400 kHz Fast-mode I2C-bus
• Internal power-on reset
• Power-up with all channels configured as inputs
• No glitch on power-up
• Noise filter on SCL/SDA inputs
• Latched outputs with 25 mA drive maximum capability for directly driving LEDs
• Latch-up performance exceeds 100 mA per JESD 78, Class II
• ESD protection exceeds JESD 22
– 2000 V Human-Body Model (A114-A)
– 1000 V Charged-Device Model (C101)
• Packages offered: HVQFN16, TSSOP16, XQFN16, XFBGA16 (1.6 mm × 1.6 mm × 0.5 mm), X2QFN16 (LGA,
Land Grid Array) 1.6 mm x 1.6 mm x 0.35 mm
2.1 Agile I/O features
• Software backward compatible with PCA6408A with interrupts disabled at power-up
• Pin-to-pin drop-in replacement for PCA6408A
• Output port configuration: bank selectable push-pull or open-drain output stages
• Interrupt status: read-only register identifies the source of an interrupt
• Bit-wise I/O programming features:
– Output drive strength: four programmable drive strengths to reduce rise and fall times in low-capacitance
applications
– Input latch: Input Port register values changes are kept until the Input Port register is read
– Pull-up/pull-down enable: floating input or pull-up/pull-down resistor enable
– Pull-up/pull-down selection: 100 kΩ pull-up/pull-down resistor selection
– Interrupt mask: mask prevents the generation of the interrupt when input changes state to prevent spurious interrupts




Similar Part No. - PCAL6408A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL6408A NXP-PCAL6408A Datasheet
2Mb / 48P
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 2-6 December 2012
PCAL6408A NXP-PCAL6408A Datasheet
2Mb / 49P
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 3 - 18 September 2013
PCAL6408A-ARD NXP-PCAL6408A-ARD Datasheet
1Mb / 25P
PCAL6408A-ARD evaluation board
1 December 2021
PCAL6408ABS NXP-PCAL6408ABS Datasheet
2Mb / 48P
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 2-6 December 2012
PCAL6408ABS NXP-PCAL6408ABS Datasheet
2Mb / 49P
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 3 - 18 September 2013
More results


Similar Description - PCAL6408A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
PCAL6408A NXP-PCAL6408A Datasheet
2Mb / 48P
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 2-6 December 2012
PCAL6416A NXP-PCAL6416A Datasheet
2Mb / 54P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 3-24 December 2012
PCAL6416A NXP-PCAL6416A_V01 Datasheet
840Kb / 56P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7 ??30 March 2021
logo
Texas Instruments
TCAL6408 TI-TCAL6408_V01 Datasheet
1Mb / 39P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6408 TI-TCAL6408_V02 Datasheet
1Mb / 42P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6408 TI-TCAL6408_V03 Datasheet
1Mb / 45P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
logo
NXP Semiconductors
PCAL6416A NXP-PCAL6416A_V02 Datasheet
859Kb / 56P
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7.1 - 30 August 2022
logo
Texas Instruments
TCAL6408 TI-TCAL6408_V04 Datasheet
1Mb / 48P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL6408 TI1-TCAL6408_V05 Datasheet
1Mb / 51P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com