Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC86J Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN54HC86J Datasheet PDF - Texas Instruments
Part # SN54HC86J
Download  SN54HC86J Download
File Size   2370.47 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SNx4HC86 Quadruple 2-Input XOR Gates

SN54HC86J Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC86J Datasheet PDF - Texas Instruments

Part # SN54HC86J
Download  SN54HC86J Click to download

File Size   2370.47 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SNx4HC86 Quadruple 2-Input XOR Gates

SN54HC86J Datasheet (HTML) - Texas Instruments


SN54HC86J Product details

1 Features
• Buffered inputs
• Wide operating voltage range: 2 V to 6 V
• Wide operating temperature range:
–40°C to +85°C
• Supports fanout up to 10 LSTTL loads
• Significant power reduction compared to LSTTL
logic ICs

2 Applications
• Detect phase differences in input signals
• Create a selectable inverter / buffer

3 Description
This device contains four independent 2-input XOR
gates. Each gate performs the Boolean function
Y = A ⊕ B in positive logic.




Similar Part No. - SN54HC86J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC86J TI-SN54HC86J Datasheet
497Kb / 14P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86J TI-SN54HC86J Datasheet
642Kb / 16P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86J TI1-SN54HC86J Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86J TI1-SN54HC86J Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Similar Description - SN54HC86J

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74HCT32 DIODES-74HCT32 Datasheet
296Kb / 8P
QUADRUPLE 2-INPUT OR GATES
Rev 3
74HCT08 DIODES-74HCT08 Datasheet
299Kb / 8P
QUADRUPLE 2-INPUT AND GATES
Rev 3
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
logo
Aeroflex Circuit Techno...
UT54ACS08 AEROFLEX-UT54ACS08 Datasheet
219Kb / 9P
Quadruple 2-Input AND Gates
logo
Texas Instruments
SN74HCS86-Q1 TI1-SN74HCS86-Q1 Datasheet
352Kb / 17P
SN74HCS86-Q1 Automotive Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS86-Q1 TI1-SN74HCS86-Q1_V01 Datasheet
391Kb / 18P
SN74HCS86-Q1 Automotive Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS86 TI1-SN74HCS86 Datasheet
348Kb / 15P
SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS86 TI1-SN74HCS86_V01 Datasheet
1Mb / 22P
SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS86 TI-SN74HCS86_V02 Datasheet
1Mb / 24P
SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS86-Q1 TI-SN74HCS86-Q1_V02 Datasheet
1Mb / 27P
SN74HCS86-Q1 Automotive Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com