Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1963A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TL1963A Datasheet PDF - Texas Instruments
Part # TL1963A
Download  TL1963A Download
File Size   2344.51 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator

TL1963A Datasheet (PDF)

Go To PDF Page Download Datasheet
TL1963A Datasheet PDF - Texas Instruments

Part # TL1963A
Download  TL1963A Click to download

File Size   2344.51 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator

TL1963A Datasheet (HTML) - Texas Instruments


TL1963A Product details

1 Features
1• Optimized for Fast Transient Response
• Output Current: 1.5 A
• Dropout Voltage: 340 mV
• Low Noise: 40 μVRMS (10 Hz to 100 kHz)
• 1-mA Quiescent Current
• No Protection Diodes Needed
• Controlled Quiescent Current in Dropout
• Fixed Output Voltages: 1.5 V, 1.8 V, 2.5 V, 3.3 V
• Adjustable Output from 1.21 V to 20 V (TL1963A
Only)
• Less Than 1-μA Quiescent Current in Shutdown
• Stable With 10-μF Ceramic Output Capacitor
• Reverse-Battery Protection
• Reverse-Current Protection

2 Applications
• Industrial
• Wireless Infrastructure
• Radio-Frequency Systems
• 3.3-V to 2.5-V Logic Power Supplies
• Post Regulator for Switching Supplies

3 Description
The TL1963A-xx devices are low-dropout (LDO)
regulators optimized for fast transient response. The device can supply 1.5 A of output current with a
dropout voltage of 340 mV. Operating quiescent
current is 1 mA, dropping to less than 1 μA in
shutdown. Quiescent current is well controlled; it does not rise in dropout as with many other regulators. In
addition to fast transient response, the TL1963A-xx
regulators have very low output noise, which makes
them ideal for sensitive RF supply applications.




Similar Part No. - TL1963A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1963A TI-TL1963A Datasheet
805Kb / 26P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A Datasheet
2Mb / 39P
1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-15 TI-TL1963A-15 Datasheet
805Kb / 26P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15 TI-TL1963A-15 Datasheet
843Kb / 27P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15 TI-TL1963A-15 Datasheet
2Mb / 39P
TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Similar Description - TL1963A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com