Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM67 Datasheet (PDF) - Texas Instruments

TDA4VM67 Datasheet PDF - Texas Instruments
Part # TDA4VM67
Download  TDA4VM67 Download
File Size   6017.17 Kbytes
Page   331 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TDA4VM Processors

TDA4VM67 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA4VM67 Datasheet PDF - Texas Instruments

Part # TDA4VM67
Download  TDA4VM67 Click to download

File Size   6017.17 Kbytes
Page   331 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TDA4VM Processors

TDA4VM67 Datasheet (HTML) - Texas Instruments


TDA4VM67 Product details

1 Features
Processor cores:
• C7x floating point, vector DSP, up to 1.0GHz, 80
GFLOPS, 256 GOPS
• Deep-learning matrix multiply accelerator (MMA),
up to 8 TOPS (8b) at 1.0GHz
• Vision Processing Accelerators (VPAC) with Image
Signal Processor (ISP) and multiple vision assist
accelerators
• Depth and Motion Processing Accelerators
(DMPAC)
• Dual 64-bit Arm® Cortex®-A72 microprocessor
subsystem at up to 2.0GHz
– 1MB shared L2 cache per dual-core Cortex®-
A72 cluster
– 32KB L1 DCache and 48KB L1 ICache per
Cortex®-A72 core
• Six Arm® Cortex®-R5F MCUs at up to 1.0GHz
– 16K I-Cache, 16K D-Cache, 64K L2 TCM
– Two Arm® Cortex®-R5F MCUs in isolated MCU
subsystem
– Four Arm® Cortex®-R5F MCUs in general
compute partition
• Two C66x floating point DSP, up to 1.35GHz,
40GFLOPS, 160GOPS
• 3D GPU PowerVR® Rogue 8XE GE8430, up to
750MHz, 96GFLOPS, 6Gpix/sec
• Custom-designed interconnect fabric supporting
near max processing entitlement
Memory subsystem:
• Up to 8MB of on-chip L3 RAM with ECC and
coherency
– ECC error protection
– Shared coherent cache
– Supports internal DMA engine
• External Memory Interface (EMIF) module with
ECC
– Supports LPDDR4 memory types
– Supports speeds up to 4266MT/s
– 32-bit data bus with inline ECC
• General-Purpose Memory Controller (GPMC)
• 512KB on-chip SRAM in MAIN domain, protected
by ECC
Functional Safety:
• Functional Safety-Compliant targeted (on select
part numbers)
– Developed for functional safety applications
– Documentation will be available to aid ISO
26262/IEC 61508 functional safety system
design up to ASIL-D/SIL-3 targeted
– Systematic capability up to ASIL-D/SC-3
targeted
– Hardware integrity up to ASIL-D/SIL-3 targeted
for MCU Domain
– Hardware integrity up to ASIL-B/SIL-2 targeted
for Main Domain
– Safety-related certifications
• ISO 26262 certification up to ASIL-D by TÜV
SÜD planned
• IEC 61508 certification up to SIL-3 by TÜV
SÜD planned
• AEC-Q100 qualified on part number variants
ending in Q1
Device security (on select part numbers):
• Secure boot with secure run-time support
• Customer programmable root key, up to RSA-4K
or ECC-512
• Embedded hardware security module
• Crypto hardware accelerators – PKA with ECC,
AES, SHA, RNG, DES and 3DES
High speed serial interfaces:
• Integrated Ethernet switch supporting up to 8
external ports
– All ports support 2.5Gb SGMII
– All ports support 1Gb SGMII/RGMII
– All ports support 100Mb RMII
– Any two ports support QSGMII (using 4 internal
ports per QSGMII)
• Up to four PCI-Express® (PCIe) Gen3 controllers
– Up to two lanes per controller
– Gen1 (2.5GT/s), Gen2 (5.0GT/s), and Gen3
(8.0GT/s) operation with auto-negotiation
• Two USB 3.0 dual-role device (DRD) subsystem
– Two enhanced SuperSpeed Gen1 Ports
– Each port supports Type-C switching
– Each port independently configurable as USB
host, USB peripheral, or USB DRD
Automotive interfaces:
• Sixteen Modular Controller Area Network (MCAN)
modules with full CAN-FD support
• Two CSI2.0 4L RX plus One CSI2.0 4L TX
– 2.5Gbps RX throughput per lane (20Gbps total)
• DOinsep leaDyP s/uDbPs iynsteterfmac:e with Multi-Display Support
(MST)
– HDCP1.4/HDCP2.2 high-bandwidth digital
content protection
• One DSI TX (up to 2.5K)
• Up to two DPI
Audio interfaces:
• Twelve Multichannel Audio Serial Port (MCASP)
modules
Video acceleration:
• Ultra-HD video, one (3840 × 2160p, 60 fps), or two
(3840 × 2160p, 30 fps) H.264/H.265 decode
• Full-HD video, four (1920 × 1080p, 60 fps), or eight
(1920 × 1080p, 30 fps) H.264/H.265 decode
• Full-HD video, one (1920 × 1080p, 60 fps), or up to
three (1920 × 1080p, 30 fps) H.264 encode
Flash memory interfaces:
• Embedded MultiMediaCard Interface ( eMMC™
5.1)
• Universal Flash Storage (UFS 2.1) interface with
two lanes
• Two Secure Digital® 3.0/Secure Digital Input
Output 3.0 interfaces (SD3.0/SDIO3.0)
• Two simultaneous flash interfaces configured as
– One OSPI and one QSPI flash interfaces
– or one HyperBus™ and one QSPI flash
interface
System-on-Chip (SoC) architecture:
• 16-nm FinFET technology
• 24 mm × 24 mm, 0.8-mm pitch, 827-pin FCBGA
(ALF), enables IPC class 3 PCB routing
TPS6594-Q1 Companion Power Management
ICs (PMIC):
• Functional Safety support up to ASIL-D
• Flexible mapping to support different use cases

2 Applications
• Advanced surround view and park assistance systems
• Autonomous sensor fusion / perception systems including camera, radar and lidar sensors
• Mono and multi-sensor Front camera systems
• Next generation eMirror systems
• Industrial mobile robot (AGV/AMR) with safety functions
• Machine vision
• Smart retail
• Smart shopping cart
• Construction and agriculture
• Edge AI BOX
• Single Board Computer
• Off-highway vehicle control
• Industrial PC with AI

3 Description
The TDA4VM processor family targeted at ADAS and Autonomous Vehicle (AV) applications and built on
extensive market knowledge accumulated over a decade of TI’s leadership in the ADAS processor market.
The unique combination high-performance compute, deep-learning engine, dedicated accelerators for signal
and image processing in a functional safety compliant targeted architecture make the TDA4VM devices a
great fit for several industrial applications, such as: Robotics, Machine Vision, Radar, and so on. The TDA4VM
provides high performance compute for both traditional and deep learning algorithms at industry leading power/
performance ratios with a high level of system integration to enable scalability and lower costs for advanced
automotive platforms supporting multiple sensor modalities in centralized ECUs or stand-alone sensors. Key
cores include next generation DSP with scalar and vector cores, dedicated deep learning and traditional
algorithm accelerators, latest Arm and GPU processors for general compute, an integrated next generation
imaging subsystem (ISP), video codec, Ethernet hub and isolated MCU island. All protected by automotive grade
safety and security hardware accelerators.
Key Performance Cores Overview
The “C7x” next generation DSP combines TI’s industry leading DSP and EVE cores into a single higher
performance core and adds floating point vector calculation capabilities, enabling backward compatibility for
legacy code while simplifying software programming. The new “MMA” deep learning accelerator enables
performance up to 8 TOPS within the lowest power envelope in the industry when operating at the typical
automotive worst case junction temperature of 125°C. The dedicated ADAS/AV hardware accelerators provide
vision pre-processing plus distance and motion processing with no impact on system performance.
General Compute Cores and Integration Overview
Separate dual core cluster configuration of Arm® Cortex®-A72 facilitates multi-OS applications with minimal need
for a software hypervisor. Up to six Arm® Cortex®-R5F subsystems enable low-level, timing critical processing
tasks to leave the Arm® Cortex®-A72’s unencumbered for applications. The integrated “8XE GE8430” GPU
offers up to 100 GFLOPS to enable dynamic 3D rendering for enhanced viewing applications. Building on the
existing world-class ISP, TI’s 7th generation ISP includes flexibility to process a broader sensor suite, support
for higher bit depth, and features targeting analytics applications. Integrated diagnostics and safety features
support operations up to ASIL-D/SIL-3 levels while the integrated security features protect data against modern
day attacks. To enable systems requiring heavy data bandwidth, a PCIe hub and Gigabit Ethernet switch are
included along with CSI-2 ports to support throughput for many sensor inputs. To further the integration, the
TDA4VM family also includes an MCU island eliminating the need for an external system microcontroller.




Similar Part No. - TDA4VM67

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA4VM TI1-TDA4VM Datasheet
3Mb / 311P
TDA4VM Jacinto??Automotive Processors for ADAS and Autonomous Vehicles Silicon Revision 1.0
TDA4VM TI1-TDA4VM Datasheet
6Mb / 323P
TDA4VM Jacinto??Processors for ADAS and Autonomous Vehicles Silicon Revisions 1.0 and 1.1
TDA4VM TI1-TDA4VM Datasheet
5Mb / 331P
TDA4VM Processors
APRIL 2024
TDA4VM-Q1 TI1-TDA4VM-Q1 Datasheet
6Mb / 323P
TDA4VM Jacinto??Processors for ADAS and Autonomous Vehicles Silicon Revisions 1.0 and 1.1
TDA4VM-Q1 TI1-TDA4VM-Q1 Datasheet
5Mb / 331P
TDA4VM Processors
APRIL 2024
More results


Similar Description - TDA4VM67

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX1300 PHILIPS-PNX1300 Datasheet
5Mb / 548P
Media Processors
2002 Feb 15
logo
Micronas
TPU3035 MICRONAS-TPU3035 Datasheet
1Mb / 73P
Teletext Processors
logo
Analog Devices
ADSP-21369KSWZ-2A AD-ADSP-21369KSWZ-2A Datasheet
1Mb / 60P
SHARC Processors
Rev. E
logo
Freescale Semiconductor...
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
Communications Processors
logo
Texas Instruments
OMAP3530 TI1-OMAP3530_14 Datasheet
2Mb / 266P
Applications Processors
logo
Freescale Semiconductor...
P1010NXN5HFA FREESCALE-P1010NXN5HFA Datasheet
209Kb / 2P
Communications Processors
logo
Texas Instruments
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
Sitara Processors
TDA4VM TI1-TDA4VM Datasheet
3Mb / 311P
TDA4VM Jacinto??Automotive Processors for ADAS and Autonomous Vehicles Silicon Revision 1.0
TDA4VM-Q1 TI1-TDA4VM-Q1 Datasheet
6Mb / 323P
TDA4VM Jacinto??Processors for ADAS and Autonomous Vehicles Silicon Revisions 1.0 and 1.1
logo
Maxim Integrated Produc...
71M6545 MAXIM-71M6545_V01 Datasheet
2Mb / 133P
Metrology Processors
2013
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com