Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB717Z Datasheet (PDF) - OPTEK Technologies

OPB717Z Datasheet PDF - OPTEK Technologies
Part # OPB717Z
Download  OPB717Z Download
File Size   241.97 Kbytes
Page   3 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Photologic짰 Reflective Object Sensor

OPB717Z Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB717Z Datasheet PDF - OPTEK Technologies

Part # OPB717Z
Download  OPB717Z Click to download

File Size   241.97 Kbytes
Page   3 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Photologic짰 Reflective Object Sensor

OPB717Z Datasheet (HTML) - OPTEK Technologies


OPB717Z Product details

Description:
The OPB715Z series reflective assembly consists of a GaALAs LED and a Photologic® sensor enclosed in an IR transmissive housing. The sensor is characterized to detect paper at 0.5” (12.7 mm). The sensor has a wide operating distance range and is capable of detecting reflective objects at other distances. The reflective distance depends on the reflectance materials.

Features:
• Focused for maximum sensitivity
• .5” (12.700 mm) sensing distance
• Panel mount
• Choice of output configurations
• 18” (457.200 mm) minimum wire length

Applications:
• Focused for maximum sensitivity
• 0.5” (12.700 mm) sensing distance
• Panel mount
• Choice of output configurations
• 18” (457.200 mm) minimum wire length




Similar Part No. - OPB717Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB717Z TTELEC-OPB717Z Datasheet
961Kb / 4P
Photologic Reflective Obiect Sensor
OPB717Z TTELEC-OPB717Z Datasheet
1Mb / 4P
Photologic® Reflective Object Sensor
04/2018
More results


Similar Description - OPB717Z

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
OPB706A QT-OPB706A Datasheet
160Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
REFLECTIVE OBJECT SENSOR
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
Reflective Object Sensor
Jun-1996
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
Reflective Object Sensor
1/16
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
Reflective Object Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com