Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLS-C40-252-000 Datasheet (PDF) - Amphenol Corporation

FLS-C40-252-000 Datasheet PDF - Amphenol Corporation
Part # FLS-C40-252-000
Download  FLS-C40-252-000 Download
File Size   80.41 Kbytes
Page   2 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Zhaga Book 18 Compliant FLS Series

FLS-C40-252-000 Datasheet (PDF)

Go To PDF Page Download Datasheet
FLS-C40-252-000 Datasheet PDF - Amphenol Corporation

Part # FLS-C40-252-000
Download  FLS-C40-252-000 Click to download

File Size   80.41 Kbytes
Page   2 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Zhaga Book 18 Compliant FLS Series

FLS-C40-252-000 Datasheet (HTML) - Amphenol Corporation


FLS-C40-252-000 Product details

OUTDOOR LIGHTING
RECEPTACLES, BASES AND
DOMES
The FLS Series products are compliant with Zhaga Book 18.
The FLS Receptacle is designed with 4 contacts for Power,
DALI and Digital I/O, and mounts on a Luminaire. The mating
FLS Base /Extension Module and Dome together form the
housing for a Photocell/Sensor Module assembly.
The receptacle is compatible with and mates to all Photocells
built with an Amphenol Book 18 Base/Extension Module
which is available in both 40mm and 80mm diameters, as
well as any certified Zhaga Book 18 extension module.
A Zhaga Book 18 protective cap is also available for
receptacles which do not have a photocell connected to
them. Typical applications are for roadway and smart city
lighting. Sensor modules manufactured with the Amphenol
Zhaga Book 18 Base and Dome are used to provide dimming
control, wireless connectivity, a variety sensing and other
functions.
TARGET MARKETS
Zhaga Book 18 Compliant FLS Series
§ Receptacle has tool-less wire termination (poke home wire
termination)
§ Receptacle mounts to luminaire in a single hole with
mounting nut and gasket
§ Receptacle mated with Photocell is IP65/IP66 rated

FEATURES
Compliant with Zhaga Specification Book 18
● 4 contacts for Power and DALI
● Single-hole-mount with gasket and nut
● Tool-less Receptacle contacts for 20AWG -16AWG wire with
poke-in wire termination
● Base available in 40mm and 80mm diameters
● Strong polycarbonate domes snap onto Base with integral
sealing O-Ring
● UL94-V0 high temperature material
● RoHS compliant

BENEFITS
● Compatible with Zhaga luminaires and fixtures, and mating
products
● Supports functionality for smart lighting controls, sensor
applications, and wireless communication
● Easy and simple installation, seals to IP65/IP66
Easy installation
● Application flexibility
● Domes provide rugged, sealed protection to module
electronics, ensuring reliable operation in harsh environments
● Wide operating temperature range from -40°C to +105°C
● Meets environmental, health and safety requirements




Similar Part No. - FLS-C40-252-000

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FLS-100 SYNERGY-FLS-100 Datasheet
321Kb / 3P
LOW PASS FILTER
FLS-1100 SYNERGY-FLS-1100 Datasheet
232Kb / 3P
LOW PASS FILTER
FLS-12 SYNERGY-FLS-12 Datasheet
231Kb / 3P
LOW PASS FILTER
FLS-154 SYNERGY-FLS-154 Datasheet
403Kb / 3P
LOW PASS filter
FLS-24 SYNERGY-FLS-24 Datasheet
320Kb / 3P
LOW PASS FILTER
More results


Similar Description - FLS-C40-252-000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
82C211 ETC-82C211 Datasheet
4Mb / 79P
NEW ENHANCED AT DATA BOOK
logo
Texas Instruments
TMS370 TI-TMS370 Datasheet
930Kb / 78P
TMS370 MICROCONTROLLER FAMILY DATA BOOK
480227 TI-480227 Datasheet
5Mb / 794P
Pocket Data Book
logo
SYNC POWER Crop.
SPC1018 SYNC-POWER-SPC1018 Datasheet
506Kb / 11P
Power Management in Note book
SPC6333 SYNC-POWER-SPC6333 Datasheet
432Kb / 11P
Power Management in Note book
logo
PHOENIX CONTACT
2736013 PHOENIX-2736013 Datasheet
152Kb / 7P
FLS IB M12 DI 8 M12
2736097 PHOENIX-2736097 Datasheet
146Kb / 7P
FLS CO M12 DI 8 M12
2736314 PHOENIX-2736314 Datasheet
107Kb / 6P
FLS IB M12 DI 16 M12
logo
List of Unclassifed Man...
ME12P04 ETC2-ME12P04 Datasheet
1Mb / 5P
Power Management in Note book
logo
DONGGUAN YOU FENG WEI E...
ME2328 YFWDIODE-ME2328 Datasheet
1,009Kb / 5P
Power Management in Note book
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com