Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG47004V Datasheet (PDF) - Renesas Technology Corp

SLG47004V Datasheet PDF - Renesas Technology Corp
Part # SLG47004V
Download  SLG47004V Download
File Size   467.68 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK DIP Adapter

SLG47004V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG47004V Datasheet PDF - Renesas Technology Corp

Part # SLG47004V
Download  SLG47004V Click to download

File Size   467.68 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK DIP Adapter

SLG47004V Datasheet (HTML) - Renesas Technology Corp


SLG47004V Product details

The GreenPAK DIP Adapter is a small PCB that lets you adapt
STQFN packages into a DIP footprint. This board can speed
up your design prototyping and testing. This small board
0.43x1.67 inch uses 20 pins DIP footprint with 0.3 inch width.
You can also use this adapter for prototyping by making
MSTQFN package compatible with solder free breadboards.

. Features
• Low cost
• Simplifies prototyping of SMT IC’s
• Optional VDD LED indicator
• Decoupling capacitor included
• Optional I2C pull-up resistors




Similar Part No. - SLG47004V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG47004V DIALOG-SLG47004V Datasheet
12Mb / 292P
GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
logo
Renesas Technology Corp
SLG47004V RENESAS-SLG47004V Datasheet
15Mb / 302P
GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
7-Mar-2022
SLG47004V RENESAS-SLG47004V Datasheet
1Mb / 22P
Advanced Analog GreenPAK Evaluation Board
21-Mar-2022
SLG47004V RENESAS-SLG47004V Datasheet
14Mb / 302P
GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
8-Sep-2022 Revision 3.0
SLG47004V-EVB RENESAS-SLG47004V-EVB Datasheet
14Mb / 302P
GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
8-Sep-2022 Revision 3.0
More results


Similar Description - SLG47004V

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
1109522 ARIES-1109522 Datasheet
518Kb / 1P
DIP-to-JEDEC TO Adapter Socket
28-652000-10 ARIES-28-652000-10 Datasheet
450Kb / 1P
PLCC-to-DIP Adapter
20-352000-10 ARIES-20-352000-10 Datasheet
632Kb / 1P
PLCC-to-DIP Adapter
1109342 ARIES-1109342 Datasheet
435Kb / 1P
PLCC-to-DIP Adapter
14-351000-10 ARIES-14-351000-10 Datasheet
640Kb / 1P
SSOP-to-DIP Adapter
14-651000-10-P ARIES-14-651000-10-P Datasheet
656Kb / 1P
SSOP-to-DIP Adapter
8-354000-10 ARIES-8-354000-10 Datasheet
503Kb / 1P
DIP-to-SOIC Adapter
logo
ACCUTEK MICROCIRCUIT CO...
AK08SOIC-D300 ACCUTEK-AK08SOIC-D300_12 Datasheet
808Kb / 8P
DIP to SOIC Adapter Modules
logo
Aries Electronics, Inc.
18036 ARIES-18036 Datasheet
702Kb / 1P
Series 351000 SSOP-to-DIP Adapter
18037 ARIES-18037 Datasheet
722Kb / 1P
Series 651000 SSOP-to-DIP Adapter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com