Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-22VF-R1 Datasheet (PDF) - Eravant

SWC-22VF-R1 Datasheet PDF - Eravant
Part # SWC-22VF-R1
Download  SWC-22VF-R1 Download
File Size   371.04 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description Q-Band Waveguide to 1.85mm Connector Adapter, Right Angle

SWC-22VF-R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SWC-22VF-R1 Datasheet PDF - Eravant

Part # SWC-22VF-R1
Download  SWC-22VF-R1 Click to download

File Size   371.04 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description Q-Band Waveguide to 1.85mm Connector Adapter, Right Angle

SWC-22VF-R1 Datasheet (HTML) - Eravant


SWC-22VF-R1 Product details

FEATURES
Broad Band Coverage
Lower Insertion Loss and VSWR
Instrumentation Grade
DC Open Circuit
APPLICATIONS
Test Lab
Instrumentations
Sub-assemblies




Similar Part No. - SWC-22VF-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-22VF-E1-V ERAVANT-SWC-22VF-E1-V Datasheet
290Kb / 2P
Q-Band Waveguide to 1.85 mm Connector Adapter, End Launch, Thermal Vacuum Safe
Rev 1.6
More results


Similar Description - SWC-22VF-R1

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
logo
Pasternack Enterprises,...
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
Precision 1.85mm Male to 1.85mm Female Adapter
PE9716 PASTERNACK-PE9716 Datasheet
84Kb / 1P
1.85mm MALE TO 1.85mm MALE PRECISION ADAPTER
PE9717 PASTERNACK-PE9717 Datasheet
245Kb / 3P
Precision 1.85mm Female to 1.85mm Female Adapter
logo
List of Unclassifed Man...
V206 ETC2-V206 Datasheet
93Kb / 1P
1.85MM MALE STRAIGHT TO 1.85MM MALE ADAPTER
logo
Pasternack Enterprises,...
PE91115 PASTERNACK-PE91115 Datasheet
214Kb / 3P
Precision 1.85mm Female to 1.85mm Female Adapter
PE91512 PASTERNACK-PE91512 Datasheet
499Kb / 3P
1.85mm Female to 2.92mm Male Miter Right Angle Adapter
REV 1.0
PE91513 PASTERNACK-PE91513 Datasheet
496Kb / 3P
1.85mm Female to 2.92mm Female Miter Right Angle Adapter
REV 1.0
PE91518 PASTERNACK-PE91518 Datasheet
499Kb / 3P
1.85mm Male to 2.4mm Male Miter Right Angle Adapter
REV 1.0
PE91519 PASTERNACK-PE91519 Datasheet
499Kb / 3P
1.85mm Male to 2.92mm Male Miter Right Angle Adapter
REV 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com