Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-22VM-R1 Datasheet (PDF) - Eravant

SWC-22VM-R1 Datasheet PDF - Eravant
Part # SWC-22VM-R1
Download  SWC-22VM-R1 Download
File Size   371.04 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description Q-Band Waveguide to 1.85 mm Connector Adapter, End Launch

SWC-22VM-R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SWC-22VM-R1 Datasheet PDF - Eravant

Part # SWC-22VM-R1
Download  SWC-22VM-R1 Click to download

File Size   371.04 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description Q-Band Waveguide to 1.85 mm Connector Adapter, End Launch

SWC-22VM-R1 Datasheet (HTML) - Eravant


SWC-22VM-R1 Product details

FEATURES
Broad Band Coverage
Lower Insertion Loss and VSWR
Instrumentation Grade
DC Short Circuit
APPLICATIONS
Test Labs
Instrumentations
Sub-assemblies




Similar Part No. - SWC-22VM-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-22VM-E1 ERAVANT-SWC-22VM-E1 Datasheet
366Kb / 3P
Q-Band Waveguide to 1.85 mm Connector Adapter, End Launch
Rev 1.4
SWC-22VM-E1-V ERAVANT-SWC-22VM-E1-V Datasheet
290Kb / 2P
Q-Band Waveguide to 1.85 mm Connector Adapter, End Launch, Thermal Vacuum Safe
Rev 1.6
More results


Similar Description - SWC-22VM-R1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9865 PASTERNACK-PE9865 Datasheet
109Kb / 1P
WAVEGUIDE END LAUNCH TO COAX ADAPTER,SMA FEMALE
logo
Mini-Circuits
185M-KM MINI-185M-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-M
185F-24F MINI-185F-24F Datasheet
218Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-F
185F-24M MINI-185F-24M Datasheet
178Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-M
185F-185F MINI-185F-185F Datasheet
212Kb / 2P
Adapter 1.85 mm-F to 1.85 mm-F
185M-24M MINI-185M-24M Datasheet
222Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-M
185M-185F MINI-185M-185F Datasheet
182Kb / 2P
Adapter 1.85 mm-M to 1.85 mm-F
185M-185M MINI-185M-185M Datasheet
229Kb / 2P
Adapter 1.85 mm-M to 1.85 mm-M
logo
Amphenol Corporation
SF1133-6038 AMPHENOL-SF1133-6038 Datasheet
98Kb / 1P
1.85 mm FEMALE TO FEMALE ADAPTER
SF1133-6009 AMPHENOL-SF1133-6009 Datasheet
91Kb / 1P
1.85 mm MALE TO MALE ADAPTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com