Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-2434831805-282F-R1 Datasheet (PDF) - Eravant

SWC-2434831805-282F-R1 Datasheet PDF - Eravant
Part # SWC-2434831805-282F-R1
Download  SWC-2434831805-282F-R1 Download
File Size   373.86 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description Ka-Band Waveguide to 2.4mm Connector Adapter, Right Angle

SWC-2434831805-282F-R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SWC-2434831805-282F-R1 Datasheet PDF - Eravant

Part # SWC-2434831805-282F-R1
Download  SWC-2434831805-282F-R1 Click to download

File Size   373.86 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description Ka-Band Waveguide to 2.4mm Connector Adapter, Right Angle

SWC-2434831805-282F-R1 Datasheet (HTML) - Eravant


SWC-2434831805-282F-R1 Product details

FEATURES
Broad Band Coverage
Lower Insertion Loss and VSWR
Instrumentation Grade
DC Short Circuit
APPLICATIONS
Test Lab
Instrumentations
Sub-assemblies




Similar Part No. - SWC-2434831805-282F-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-2434831805-282F-E1 ERAVANT-SWC-2434831805-282F-E1 Datasheet
394Kb / 3P
Ka-Band Waveguide to 2.4mm Connector Adapter, End Launch
Rev 1.0
More results


Similar Description - SWC-2434831805-282F-R1

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
logo
Pasternack Enterprises,...
PE9451 PASTERNACK-PE9451 Datasheet
244Kb / 2P
Precision 2.4mm Male to 2.4mm Male Adapter
PE9452 PASTERNACK-PE9452 Datasheet
242Kb / 2P
Precision 2.4mm Male to 2.4mm Female Adapter
PE9453 PASTERNACK-PE9453 Datasheet
238Kb / 3P
Precision 2.4mm Female to 2.4mm Female Adapter
PE9640 PASTERNACK-PE9640 Datasheet
248Kb / 3P
Precision Bulkhead 2.4mm Female to 2.4mm Female Adapter
PE91145 PASTERNACK-PE91145 Datasheet
359Kb / 3P
Ruggedized 2.4mm NMD Female to 2.4mm Female Adapter
logo
Winchester Electronics ...
TRU-11224 WINCHESTER-TRU-11224 Datasheet
32Kb / 1P
CONNECTOR, COAXIAL 2.92mm(f) to 2.4mm(f) ADAPTER
TRU-11244 WINCHESTER-TRU-11244 Datasheet
71Kb / 1P
CONNECTOR,COAXIAL 2.4MM(F) TO 2.4MM(F) ADAPTER
logo
Amphenol SV Microwave
1116-6097 SVMICROWAVE-1116-6097 Datasheet
294Kb / 1P
2.4mm FEMALE TO 2.4mm FEMALE 2 HOLE FLANGE ADAPTER
04/21
logo
Pasternack Enterprises,...
PE91518 PASTERNACK-PE91518 Datasheet
499Kb / 3P
1.85mm Male to 2.4mm Male Miter Right Angle Adapter
REV 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com