Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3782205 Datasheet (PDF) - Infinite Electronics International, Inc.

3782205 Datasheet PDF - Infinite Electronics International, Inc.
Part # 3782205
Download  3782205 Download
File Size   326.48 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 3300-3800 MHz 8 dBi Gain Omnidirectional Dual Pol MIMO Antenna - Type N Female Connector, PVC Radome

3782205 Datasheet (PDF)

Go To PDF Page Download Datasheet
3782205 Datasheet PDF - Infinite Electronics International, Inc.

Part # 3782205
Download  3782205 Click to download

File Size   326.48 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 3300-3800 MHz 8 dBi Gain Omnidirectional Dual Pol MIMO Antenna - Type N Female Connector, PVC Radome

3782205 Datasheet (HTML) - Infinite Electronics International, Inc.


3782205 Product details

Features
• All weather operation
• ±45 Slant
• 2x2 MIMO
• PVC radome
• Integral N-Female connectors
• Commercial grade design
• 360° Omnidirectional Pattern

Applications
• Point to Multipoint and Non Line of Sight (NLOS) Applications
• 8 dBi gain

Description
The L-com HG3508DPU-45 is a high performance 5G / LTE outdoor omnidirectional antenna specifically designed for cellular networks. L-com’s HG3508DPU-45 has 8 dBi gain and can be used to broadcast Cellular LTE signals. The HG3508DPU-45 operates
from 3300 to 3800 MHz which is ideal for 5G, LTE, and 2x2 MIMO applications in CBRS band. The Multi-Band design of the L-com
HG3508DPU-45 antenna eliminates the need to purchase different antennas for each frequency. This simplifies installations since the
same antenna can be used for a wide array of telecommunication applications where wide coverage is desired.
The HG3508DPU-45 from L-com has omnidirectional patterns with Dual Slant (±45°) polarization and features Type N connectors. The
Type N connectorized HG3508DPU-45 antenna from L-com is designed specifically for outdoor operation and is ideal for and point to
multipoint use in large open areas such as base station installations or large campuses. The included mounting bracket and hardware
makes this antenna very easy to install. This 5G / LTE outdoor omnidirectional antenna just like our wide selection of superior quality
RF parts, ship same day. Contact our knowledgeable and friendly technical support and sales staff for your answers on antennas or
other L-com products.




Similar Part No. - 3782205

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3782 POMONA-3782 Datasheet
57Kb / 1P
Minigrabber Test Clip To Stacking Banana Plug
logo
Heyco.
3782 HEYCO-3782 Datasheet
121Kb / 1P
Lockit™ Loops
logo
Adafruit Industries
3782 ADAFRUIT-3782 Datasheet
1Mb / 2P
TT Motor Encoder (Pack of 2)
6-12-18
logo
Pomona Electronics
3782-48-0 POMONA-3782-48-0 Datasheet
57Kb / 1P
Minigrabber Test Clip To Stacking Banana Plug
logo
SCHOTT CORPORATION
37820 SCHOTT-37820 Datasheet
14Kb / 1P
TRANSFORMER,ADSL
More results


Similar Description - 3782205

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51110 PASTERNACK-PE51110 Datasheet
73Kb / 1P
Magnet Mount Antenna 3300-3800 MHz, 5 dBi
logo
Pulse A Technitrol Comp...
L120 PULSE-L120 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
WA700 PULSE-WA700 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
logo
PHOENIX CONTACT
RAD-ANT-GSM PHOENIX-RAD-ANT-GSM Datasheet
50Kb / 2P
Directional antenna, outdoor installation, gain 8 dBi, connection N (female)
logo
Pasternack Enterprises,...
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1039 PASTERNACK-PE51OM1039 Datasheet
541Kb / 4P
6 dBi MIMO Omni Antenna 617-2,700 MHz N Type Female Connector
REV 1
PE51OM1042 PASTERNACK-PE51OM1042 Datasheet
352Kb / 3P
8 dBi Omni Antenna 1,710-2,700 MHz N Type Female Connector
REV 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com