Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9517 Datasheet (PDF) - Maxim Integrated Products

MAX9517 Datasheet PDF - Maxim Integrated Products
Part # MAX9517
Download  MAX9517 Download
File Size   347.6 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Standard-Definition Video Filter Amplifiers with Dual SPST Switches

MAX9517 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9517 Datasheet PDF - Maxim Integrated Products

Part # MAX9517
Download  MAX9517 Click to download

File Size   347.6 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Standard-Definition Video Filter Amplifiers with Dual SPST Switches

MAX9517 Datasheet (HTML) - Maxim Integrated Products


MAX9517 Product details

General Description
The MAX9517/MAX9524 are low-power video amplifiers with integrated reconstruction filters. Specially suited for standard-definition video signals, such as composite and luma, these devices are ideal for a wide range of applications such as cell phones and security/CCTV cameras. Video signals should be DC-coupled into the MAX9517 input and AC-coupled into the MAX9524 input.
The MAX9517/MAX9524 have two single-pole, single throw (SPST) analog switches that can be used to route stereo audio, video, or digital signals. The reconstruction filter typically has ±1dB passband flatness at 9MHz and 52dB attenuation at 27MHz. The amplifiers have a gain of 2V/V, and the outputs can be DC-coupled to a load of 75Ω, which is equivalent to two video loads. The outputs can be AC-coupled to a load of 150Ω, which is equivalent to one video load.

Features
♦ Integrated Reconstruction Filter for Standard
   Definition Video
♦ 9MHz, ±1dB Passband
♦ 52dB Attenuation at 27MHz
♦ Dual SPST Switches
♦ Fixed Gain of 2V/V
♦ DC- or AC-Coupled Output
♦ 2.7V to 3.6V Single-Supply Operation

Applications
   Security/CCTV Cameras
   Mobile Phones/Cell Phones
   Digital Still Cameras (DSC)
   Camcorders (DVC)
   Portable Media Players (PMP)




Similar Part No. - MAX9517

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9517 MAXIM-MAX9517 Datasheet
129Kb / 6P
MAX9517/MAX9524 Evaluation Kits
Rev 0; 3/07
MAX9517ATC+ MAXIM-MAX9517ATC+ Datasheet
129Kb / 6P
MAX9517/MAX9524 Evaluation Kits
Rev 0; 3/07
MAX9517EVKIT MAXIM-MAX9517EVKIT Datasheet
129Kb / 6P
MAX9517/MAX9524 Evaluation Kits
Rev 0; 3/07
MAX9517EVKIT+ MAXIM-MAX9517EVKIT+ Datasheet
129Kb / 6P
MAX9517/MAX9524 Evaluation Kits
Rev 0; 3/07
More results


Similar Description - MAX9517

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9586 MAXIM-MAX9586 Datasheet
413Kb / 18P
Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 3; 6/07
MAX9583 MAXIM-MAX9583 Datasheet
339Kb / 15P
Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9583_0710 MAXIM-MAX9583_0710 Datasheet
336Kb / 15P
Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
MAX9586_0710 MAXIM-MAX9586_0710 Datasheet
428Kb / 18P
Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 5; 10/07
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800 Datasheet
926Kb / 11P
Triple, Standard Definition Video Amplifiers
CLC3800 CADEKA-CLC3800_10 Datasheet
1Mb / 17P
Triple, Standard Definition Video Amplifiers
logo
Maxim Integrated Produc...
MAX9584AUA MAXIM-MAX9584AUA Datasheet
342Kb / 15P
Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
logo
SG Micro Corp
SGM9149 SGMICRO-SGM9149 Datasheet
310Kb / 10P
Standard Definition Video Filter Driver
logo
Savitech Corp.
SV5309 SAVITECH-SV5309 Datasheet
220Kb / 8P
Standard Definition Video Filter Driver
logo
Maxim Integrated Produc...
MAX11501EVKIT MAXIM-MAX11501EVKIT Datasheet
141Kb / 7P
Standard-Definition Television Video Filter
Rev 0; 9/07
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com