Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7389 Datasheet (PDF) - PMC-Sierra, Inc

PM7389 Datasheet PDF - PMC-Sierra, Inc
Part # PM7389
Download  PM7389 Download
File Size   59.56 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Frame Engine and Datalink Manager

PM7389 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM7389 Datasheet PDF - PMC-Sierra, Inc

Part # PM7389
Download  PM7389 Click to download

File Size   59.56 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Frame Engine and Datalink Manager

PM7389 Datasheet (HTML) - PMC-Sierra, Inc


PM7389 Product details

FEATURES
• Single-chip multi-channel packet processor supporting a maximum aggregate bandwidth of 156 Mbit/s for line rate throughput transfers of packet sizes from 40 to 9.6 Kbytes, for up to an aggregate of 84 T1s, 63 E1s, or 3 DS-3s.
• Provides simultaneous support of PPP, Frame Relay, Multilink-PPP and Multilink-Frame Relay protocols. Alternative protocols supported via HDLC termination and full packet store of the data within the HDLC structure.

MULTILINK PPP AND FRAME RELAY BUNDLES
• Capable of supporting fragment sizes from 1 to 9.6 Kbytes.
• Support for 3 egress fragmentation sizes (128, 256, and 512 bytes) configurable on a per multilink bundle. Optionally full packet transfers are supported on a per bundle basis.
• Supports up to 42 multilink bundles with up to 12 member links per bundle. These bundles are composed of independent HDLC channels.
• Support for up to 100ms of intra bundle skew in the receive direction when supporting the minimum fragment size.
• Support for PPP header compression as per RFC 1661.

PPP
• Support for 16 COS levels in accordance with RFC 2686.
• Either 12 bit or 24 bit sequence number, with short and long fragment header formats, is supported.
• Link Control protocol packets are identified by the PID as control protocols and will be forwarded to the Any-PHY interface.

FRAME RELAY
• Link layer address lookup can be performed based on HDLC channel and 10 bit DLCI for HDLC channels supporting Frame Relay protocols.
• The lookup algorithm can support a maximum of 16 K connection identifiers (CIs) amongst multilink FR bundles. The connection identifiers are ignored in singlelink FR channels.
• Control frames are identified and forwarded to Any-PHY interface.
• 12 bit sequence numbers supported.
• FECN, BECN, and DE ingress

HDLC
• Support for up to 1024 bidirectional HDLC channels, with individual HDLC channel speeds ranging from 56 Kbit/s to 52 Mbit/s. In a channelized application, the number of time-slots assigned to an HDLC channel is programmable from 1 to 24 (for T1/J1) and from 1 to 31 (for E1).
• The 1024 HDLC channels can be assigned to a mixture of physical links via the 19.44 MHz SBI interface. The SBI transports the equivalent of 3 STS- 1 synchronous payload envelopes (SPE). Each STS-1 SPE can be individually configured to carry 28 T1/J1s, 21 E1s or 1 DS3.
• For each channel, supports programmable flag sequence detection and generation, bit stuffing and destuffing, and validation and generation of either CRC-CCITT or CRC-32 frame check sequences.
• For each channel, the receiver checks for packet abort sequences, octet aligned packet length and for minimum and maximum packet length.

APPLICATIONS
• IETF PPP interfaces for routers.
• Frame Relay interfaces for ATM or Frame Relay switches and multiplexers.
• Internet/Intranet access equipment.




Similar Part No. - PM7389

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7380 PMC-PM7380 Datasheet
2Mb / 2P
FRAME ENGINE AND DATA LINK MANAGER 32P672
PM7380 PMC-PM7380 Datasheet
48Kb / 2P
Frame Engine and Data Link Manager
PM7380-PI PMC-PM7380-PI Datasheet
2Mb / 2P
FRAME ENGINE AND DATA LINK MANAGER 32P672
PM7381 PMC-PM7381 Datasheet
1Mb / 2P
32 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
PM7381 PMC-PM7381 Datasheet
44Kb / 2P
Frame Engine and Data Link Manager
More results


Similar Description - PM7389

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7364 PMC-PM7364 Datasheet
39Kb / 2P
Frame Engine and Datalink Manager
PM7364 PMC-PM7364 Datasheet
2Mb / 325P
FRAME ENGINE AND DATA LINK MANAGER
PM7366 PMC-PM7366 Datasheet
2Mb / 286P
FRAME ENGINE AND DATA LINK MANAGER
PM7367 PMC-PM7367 Datasheet
2Mb / 323P
FRAME ENGINE AND DATA LINK MANAGER
PM7380 PMC-PM7380 Datasheet
48Kb / 2P
Frame Engine and Data Link Manager
PM7385 PMC-PM7385 Datasheet
48Kb / 4P
Frame Engine and Data Link Manager
PM7388 PMC-PM7388 Datasheet
58Kb / 2P
Frame Engine and Datalink Manager
PM7364-1 PMC-PM7364-1 Datasheet
41Kb / 2P
Frame Engine and Datalink Manager
PM7384-1 PMC-PM7384-1 Datasheet
33Kb / 2P
Frame Engine and Data Link Manager
PM7385-1 PMC-PM7385-1 Datasheet
37Kb / 2P
Frame Engine and Data Link Manager
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com