Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

177567 Datasheet (PDF) - Pomona Electronics

177567 Datasheet PDF - Pomona Electronics
Part # 177567
Download  177567 Download
File Size   25.92 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Alligator Clip To Banana Jack With Flex Boot

177567 Datasheet (PDF)

Go To PDF Page Download Datasheet
177567 Datasheet PDF - Pomona Electronics

Part # 177567
Download  177567 Click to download

File Size   25.92 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Alligator Clip To Banana Jack With Flex Boot

177567 Datasheet (HTML) - Pomona Electronics


177567 Product details

FEATURES:
· Alligator Clip features a banana jack interface for quick and easy attachment to various lengths of banana plug
patch cords.
· Alligator jaw opens up to .300” (7,62mm) for attachment to most test terminals.
· Flexible boot provides insulation protection.

MATERIALS:
Alligator: Steel, Nickel Plated
Flexible Boot: Vinyl, Color per Part Number

RATINGS:
Operating Temperature: +50° C (+122° F)
Operating Voltage: 150 VRMS
Current: 5 Amperes Max.




Similar Part No. - 177567

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1775677 PHOENIX-1775677 Datasheet
96Kb / 3P
HC-B 32-TFQ-80/M1PG21G
More results


Similar Description - 177567

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1437 POMONA-1437 Datasheet
20Kb / 1P
Alligator Clip To Pin Tip Jack With Flex Boot
2240 POMONA-2240 Datasheet
25Kb / 1P
Alligator Clip To Banana Jack With Flex Boot
3289 POMONA-3289 Datasheet
22Kb / 1P
Alligator Clip To Banana Jack With Flex Boot
5788 POMONA-5788 Datasheet
19Kb / 1P
Insulated Miniature Alligator Test Clip With 2MM Banana Jack
6567 POMONA-6567 Datasheet
35Kb / 1P
Alligator with Banana Jack
6573A POMONA-6573A Datasheet
118Kb / 2P
Alligator Clip With Boot
6574 POMONA-6574 Datasheet
141Kb / 2P
Alligator Clip with Boot for standard test probe
1437-0 POMONA-1437-0 Datasheet
20Kb / 1P
Model 1437 Alligator Clip To Pin Tip Jack With Flex Boot
logo
3M Electronics
2240-2 3M-2240-2 Datasheet
31Kb / 1P
Alligator Clip To Banana Jack With Flex Boot
23-May-2002
logo
List of Unclassifed Man...
BU-2030-A-12-0 ETC2-BU-2030-A-12-0 Datasheet
64Kb / 1P
Insulated Alligator Clip to Stackable Banana Plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com