Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD526 Datasheet (PDF) - Analog Devices

AD526 Datasheet PDF - Analog Devices
Part # AD526
Download  AD526 Download
File Size   217.53 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier

AD526 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD526 Datasheet PDF - Analog Devices

Part # AD526
Download  AD526 Click to download

File Size   217.53 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier

AD526 Datasheet (HTML) - Analog Devices


AD526 Product details

GENERAL DESCRIPTION
The AD8253 is an instrumentation amplifier with digitally programmable gains that has GΩ input impedance, low output noise, and low distortion making it suitable for interfacing with sensors and driving high sample rate analog-to-digital converters (ADCs). It has high bandwidth of 10 MHz, low THD and fast settling time of 615 ns to 0.001%. Offset drift and gain drift are
specified to 1.2 μV/°C and 10 ppm/°C, respectively for G = 1000. In addition to its wide input common voltage range, it boasts a high common-mode rejection of 80 dB at G = 1 from dc to
50 kHz. The combination of precision dc performance coupled with high speed capabilities make the AD8253 an excellent candidate for data acquisition. Furthermore, this monolithic solution simplifies design and manufacturing, and boosts performance of instrumentation by maintaining a tight match of internal resistors and amplifiers.

FEATURES
Small package: 10-lead MSOP
Programmable gains: 1, 10, 100, 1000
Digital or pin-programmable gain setting
Wide supply: ±5 V to ±15 V
Excellent dc performance
  High CMRR 120 dB , G = 100
  Low gain drift: 10 ppm/°C
  Low offset drift: 1.2 μV/°C , G = 1000
Excellent ac performance
  Fast settling time: 615 ns to 0.001%
  High slew rate: 20 V/μs
  Low distortion:
  High CMRR over frequency: 80 dB to 50 kHz
  Low noise: 8 nV/√Hz, G = 1000
  Low power: 4 mA

APPLICATIONS
Data acquisition
Biomedical analysis
Test and measurement




Similar Part No. - AD526

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD526 AD-AD526 Datasheet
464Kb / 14P
Software Programmable Gain Amplifier
AD526 AD-AD526 Datasheet
595Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
7/06-Revision 0
AD526 AD-AD526 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD526 AD-AD526 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD526 AD-AD526 Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
More results


Similar Description - AD526

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA141 BURR-BROWN-INA141 Datasheet
190Kb / 10P
Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA2141 BURR-BROWN-INA2141 Datasheet
243Kb / 10P
Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8251 AD-AD8251_07 Datasheet
640Kb / 24P
10 MHz, 20 V/關s, G = 1, 2, 4, 8 i CMOS짰 Programmable Gain Instrumentation Amplifier
REV. 0
AD8253 AD-AD8253_08 Datasheet
584Kb / 24P
10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
REV. 0
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA141U2K5 TI1-INA141U2K5 Datasheet
339Kb / 14P
Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA141 TI1-INA141 Datasheet
333Kb / 14P
Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8250 AD-AD8250_16 Datasheet
932Kb / 25P
10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
Rev. C
AD8251 AD-AD8251_16 Datasheet
725Kb / 25P
10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
REV. B
AD8253 AD-AD8253_16 Datasheet
527Kb / 25P
10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com