Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30201T-56FP Datasheet (PDF) - Renesas Technology Corp

M30201T-56FP Datasheet PDF - Renesas Technology Corp
Part # M30201T-56FP
Download  M30201T-56FP Download
File Size   241.74 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Converter for Connecting Pod Probe M30201T-PRB to 56-pin 0.65mm-pitch QFP (for M30201 Group)

M30201T-56FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M30201T-56FP Datasheet PDF - Renesas Technology Corp

Part # M30201T-56FP
Download  M30201T-56FP Click to download

File Size   241.74 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Converter for Connecting Pod Probe M30201T-PRB to 56-pin 0.65mm-pitch QFP (for M30201 Group)

M30201T-56FP Datasheet (HTML) - Renesas Technology Corp


M30201T-56FP Product details

Function
The M201T-56FP is a converter for the M30201 Group for connecting the emulation pod probe M30201T-PRB to a foot pattern of a 56-pin 0.65mm-pitch QFP (56P6S-A).

Application
   Mount TQPACK056SB on the foot pattern on the target system.
   On top of it, mount TQSOCKET056SBP, TQSOCKET056SBF and M30201T-56FP in that order. Then connect the probe M30201T-PRB of the emulation pod to the connector provided at the top of the M30201T-56FP.
  
Package Components
• M30201T-56FP
• TQSOCKET056SBP (made by Tokyo Eletech Co., Ltd.)
• TQPACK056SB (made by Tokyo Eletech Co., Ltd.)
• Users manual
   *Required components to connect to the target system are included with
   this product package. Each component made by Tokyo Eletech Co., Ltd.
   is optionally available alone from Tokyo Eletech Co., Ltd.
   See Appendix G "Contact Addresses for Partner Products".




Similar Part No. - M30201T-56FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30201T-52SP RENESAS-M30201T-52SP Datasheet
130Kb / 1P
Converter for Connecting Pod Probe M30201T-PRB to 52-pin 1.778mm-pitch SDIP (for M30201 Group)
More results


Similar Description - M30201T-56FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PCA4687A RENESAS-PCA4687A Datasheet
237Kb / 1P
Converter for Connecting 100-pin 0.65mm-pitch QFP to 100-pin 0.65mm-pitch LCC
M3T-100LCC-DMS RENESAS-M3T-100LCC-DMS Datasheet
184Kb / 1P
Converter for Connecting 100-pin 0.65mm-pitch LCC to M3T-DUMMY100S
M3T-FLX-80QSB RENESAS-M3T-FLX-80QSB Datasheet
259Kb / 1P
Converter for Connecting 100-core Flexible Board FLX100 to 80-pin 0.65mm-pitch QFP
M3T-FLX-100NRB RENESAS-M3T-FLX-100NRB Datasheet
112Kb / 1P
Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.65mm-pitch QFP
M3062PT-80FPB RENESAS-M3062PT-80FPB Datasheet
145Kb / 1P
Converter Board for Connecting 160-core Flexible Board FLX160 to 80-pin 0.65mm-pitch QFP (for M16C/60 Series)
M30100T-PTC RENESAS-M30100T-PTC Datasheet
135Kb / 1P
Converter for Connecting 32-pin 0.8mm-pitch QFP for M30100T-PRB (for M16C/10 Group M30100)
M30102T-PTC RENESAS-M30102T-PTC Datasheet
135Kb / 1P
Converter for Connecting 48-pin 0.5mm-pitch QFP for M30100T-PRB (for M16C/10 Group M30102)
M30201T-52SP RENESAS-M30201T-52SP Datasheet
130Kb / 1P
Converter for Connecting Pod Probe M30201T-PRB to 52-pin 1.778mm-pitch SDIP (for M30201 Group)
PCA4687B RENESAS-PCA4687B Datasheet
152Kb / 1P
Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.65mm-pitch LCC (for Height Adjustment)
PCA4907 RENESAS-PCA4907 Datasheet
137Kb / 1P
Converter for Connecting 42-pin RSS Type Emulator MCU to 56-pin 0.8mm-pitch QFP
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com