Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16502TAC-E/S8B Datasheet (PDF) - Microchip Technology

MCP16502TAC-E/S8B Datasheet PDF - Microchip Technology
Part # MCP16502TAC-E/S8B
Download  MCP16502TAC-E/S8B Download
File Size   2360.54 Kbytes
Page   86 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs

MCP16502TAC-E/S8B Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP16502TAC-E/S8B Datasheet PDF - Microchip Technology

Part # MCP16502TAC-E/S8B
Download  MCP16502TAC-E/S8B Click to download

File Size   2360.54 Kbytes
Page   86 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs

MCP16502TAC-E/S8B Datasheet (HTML) - Microchip Technology


MCP16502TAC-E/S8B Product details

Features
• Input Voltage: 2.7V to 5.5V
• Four 1A Output Current Buck Channels with
100% Maximum Duty Cycle Capability
• 2 MHz Buck Channels PWM Operation
• Two Auxiliary 300 mA Low Dropout Linear
Regulators (LDOs)
• ±1% Voltage Accuracy for DDR (Buck2 Output),
Core (Buck3 Output) and CPU (Buck4 Output)
• Pin-Selectable Output Voltages for Buck2:
1.2V, 1.35V, 1.8V
• MPU-Specific Built-in Default Channel
Sequencing and nRSTO Assertion Delay
• Support of MPU Hibernate, Low-Power and
High-Performance Modes with DVS
• Push Button Long Press Time-Out Function
• 1 MHz I2C Interface for Programming and
Diagnostics
• Low Noise, Forced PWM (FPWM) and Low IQ,
Light Load, High-Efficiency Mode Available
• I2C-Selectable Displacement (±16.5%) of PWM
Switching Frequency
• Leakage-Free Interfacing to MPU in Any
Operating Condition through Optimized
ESD Protection
• Less than 300 μA Low-Power Mode Typical
Quiescent Current Bucks and LDO1 ON, No Load
• 10 μA Maximum Shutdown Current (VIN = 4.5V,
TJ = +105°C)
• Cost and Size-Optimized BOM
• Thermal Shutdown and Current Limit Protection
• User-Programmable Overcurrent Fault Response
• 32-Pin 5 mm × 5 mm VQFN Package
• -40°C to +125°C Junction Temperature Range
• Passes Automotive AEC-Q100 Reliability Testing
Applications
• High-Performance MPUs Power Supply Solutions
• μC/μP, FPGA and DSP Power




Similar Part No. - MCP16502TAC-E/S8B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16502 MICROCHIP-MCP16502 Datasheet
354Kb / 20P
Evaluation Board
02/17/04
More results


Similar Description - MCP16502TAC-E/S8B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AXP221 ETC2-AXP221 Datasheet
2Mb / 52P
PMIC Optimized For Multi-Core High-Performance System
AXP223 ETC2-AXP223 Datasheet
2Mb / 56P
PMIC Optimized For Multi-Core High-Performance System
logo
Active-Semi, Inc
ACT8865 ACTIVE-SEMI-ACT8865_16 Datasheet
824Kb / 31P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
ACT8945A ACTIVE-SEMI-ACT8945A_16 Datasheet
1Mb / 44P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
EA8945AQJ305 ACTIVE-SEMI-EA8945AQJ305 Datasheet
1Mb / 44P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
EA8945AQJ405 ACTIVE-SEMI-EA8945AQJ405 Datasheet
1Mb / 44P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
logo
Shenzhen X-Powers Techn...
AXP288 XPOWER-AXP288_14 Datasheet
4Mb / 110P
PMIC Optimized For Multi-Core High-Performance System
logo
NXP Semiconductors
PF5023 NXP-PF5023 Datasheet
860Kb / 91P
Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
PF5024 NXP-PF5024 Datasheet
871Kb / 93P
Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
logo
Microchip Technology
MCP16501 MICROCHIP-MCP16501_V01 Datasheet
1Mb / 44P
Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
Revision A July 2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com