Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8021 Datasheet (PDF) - Microchip Technology

MCP8021 Datasheet PDF - Microchip Technology
Part # MCP8021
Download  MCP8021 Download
File Size   1485.63 Kbytes
Page   66 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps

MCP8021 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP8021 Datasheet PDF - Microchip Technology

Part # MCP8021
Download  MCP8021 Click to download

File Size   1485.63 Kbytes
Page   66 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps

MCP8021 Datasheet (HTML) - Microchip Technology


MCP8021 Product details

Features
• AEC-Q100 Automotive Qualified, See Product
Identification System
• Three Half-Bridge Drivers Configured to Drive
External High-Side NMOS and Low-Side NMOS
MOSFETs:
- Independent input control for high-side and
low-side NMOS MOSFET gate drives
- Typical peak output current: 0.5A @ 12V
- Shoot-through protection
- Overcurrent and short-circuit protection
• Three Operational Amplifiers (MCP8022)
• Fixed Output Linear Regulator:
- 3.3V or 5.0V @ 70 mA
- True current foldback
• Supply Current:
- Sleep mode: 5 μA typical
- Standby mode: < 330 μA (MCP8021)
- Standby mode, op amps off: < 330 μA
(MCP8022)
- Standby mode, op amps on: < 1300 μA
(MCP8022)
• Dedicated WAKE Pin for Sleep Mode Recovery
• Dedicated FAULT Pin
• Single Wire UART Communications
• Supply Voltage Range: 4V-40V
• Operational Voltage Range: 6.25V-29V
• Gate Drive Undervoltage Lockout: 4.5V
• Supply Voltage Undervoltage Shutdown: 4.5V
• Supply Voltage Undervoltage Lockout (UVLO): 6.25V
• Overvoltage Lockout (OVLO): 29V
• Temperature Range (TJ): -40°C to +165°C
• Thermal Shutdown
Applications
• Automotive Applications like Fuel, Water, Oil
Pumps, Ventilation Motors, Window Lift, Trunk
Openers, Sun Roof
• Home Appliances
• Permanent Magnet Synchronous Motor (PMSM)
Control
• Hobby Aircraft, Boats, Vehicles




Similar Part No. - MCP8021

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
Internal Bandgap Reference
08/20/13
MCP8025 MICROCHIP-MCP8025 Datasheet
2Mb / 64P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
07/14/15
MCP8025-115E/MP MICROCHIP-MCP8025-115E/MP Datasheet
2Mb / 64P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
07/14/15
MCP8025-115E/PT MICROCHIP-MCP8025-115E/PT Datasheet
2Mb / 64P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
07/14/15
MCP8025-115H/MP MICROCHIP-MCP8025-115H/MP Datasheet
2Mb / 64P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
07/14/15
More results


Similar Description - MCP8021

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
3-Phase BLDC Motor Driver with PLL
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
3-phase Brushless DC Motor Driver
March, 2014
logo
Microchip Technology
MCP8025 MICROCHIP-MCP8025 Datasheet
2Mb / 64P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
07/14/15
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com