Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS74801 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS74801 Datasheet PDF - Texas Instruments
Part # TPS74801
Download  TPS74801 Download
File Size   3459.86 Kbytes
Page   45 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS74801-Q1 Automotive, 1.5A, Low-Dropout Linear Regulator With Programmable Soft-Start

TPS74801 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS74801 Datasheet PDF - Texas Instruments

Part # TPS74801
Download  TPS74801 Click to download

File Size   3459.86 Kbytes
Page   45 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS74801-Q1 Automotive, 1.5A, Low-Dropout Linear Regulator With Programmable Soft-Start

TPS74801 Datasheet (HTML) - Texas Instruments


TPS74801 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• VOUT range: 0.8V to 3.6V
• Ultra-low VIN range: 0.8V to 5.5V
• VBIAS range 2.7V to 5.5V
• Low dropout: 60mV typ at 1.5A, VBIAS = 5V
• Power-good (PG) output allows supply monitoring
or provides a sequencing signal for other supplies
• 2% accuracy over line, load, and temperature
• Programmable soft-start provides linear voltage
start-up
• VBIAS permits low VIN operation with good transient
response
• Stable with any output capacitor ≥ 2.2μF
• Available in small 3mm × 3mm × 1mm VSON-10
and 5mm × 5mm VQFN-20 packages

2 Applications
• Telematic control units
• Infotainment and clusters
• Automotive head units
• Medium-, short-range radar

3 Description
The TPS74801-Q1 low-dropout (LDO) linear regulator
provides an easy-to-use robust power management
solution for a wide variety of applications. Userprogrammable
soft-start minimizes stress on the input
power source by reducing capacitive inrush current
on start-up. The soft-start is monotonic and designed
for powering many different types of processors and
ASICs. The enable input and power-good output
allow easy sequencing with external regulators. This
complete flexibility allows a solution to be configured
that meets the sequencing requirements of FPGAs,
DSPs, and other applications with special start-up
requirements.
A precision reference and error amplifier delivers 2%
accuracy over load, line, temperature, and process.
The device is stable with any type of output capacitor
greater than or equal to 2.2μF, and is fully specified
for TJ = –40°C to +150°C for the new chip, TJ = –40°C
to +105°C for the DRC package, and TJ = –40°C to
+125°C for the RGW package. The TPS74801-Q1 is
offered in a small 3mm × 3mm VSON-10 package,
yielding a highly compact, total solution size. The
device is also available in a 5mm × 5mm VQFN-20.




Similar Part No. - TPS74801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
149Kb / 8P
Simple Power Solution Using LDOs
TPS74801 TI-TPS74801 Datasheet
3Mb / 45P
TPS74801-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED JULY 2023
TPS74801 TI1-TPS74801 Datasheet
3Mb / 45P
TPS74801-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED JULY 2023
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
More results


Similar Description - TPS74801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
500mA Low-Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS748A-Q1 TI-TPS748A-Q1 Datasheet
2Mb / 31P
TPS748A-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS748A-Q1 TI-TPS748A-Q1_V01 Datasheet
2Mb / 38P
TPS748A-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED MAY 2023
TPS74801-Q1 TI-TPS74801-Q1_V01 Datasheet
3Mb / 45P
TPS74801-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED JULY 2023
TPS74701-Q1 TI1-TPS74701-Q1_V01 Datasheet
2Mb / 37P
TPS74701-Q1 Automotive, 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED OCTOBER 2023
TPS74801-Q1 TI1-TPS74801-Q1_V02 Datasheet
3Mb / 45P
TPS74801-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com