Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX08D Datasheet (PDF) - Texas Instruments

TX08D Datasheet PDF - Texas Instruments
Part # TX08D
Download  TX08D Download
File Size   553.21 Kbytes
Page   9 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TX08D 8-Channel Ultrasound Transmitter

TX08D Datasheet (PDF)

Go To PDF Page Download Datasheet
TX08D Datasheet PDF - Texas Instruments

Part # TX08D
Download  TX08D Click to download

File Size   553.21 Kbytes
Page   9 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TX08D 8-Channel Ultrasound Transmitter

TX08D Datasheet (HTML) - Texas Instruments


TX08D Product details

1 Features
• 8-Channel transmitter, each channel includes:
– 5-level pulser with on-chip beamforming
– Active T/R switch
– Integrated floating supplies
• 5-Level Pulser supports:
– Maximum output voltage: ±100V
– Minimum output voltage: ±1V
– Maximum output current: 2A
– Support 4A output current mode
– True return to zero to discharge to ground
– Second harmonic of –45dBc at 5MHz
– –3dB Bandwidth with 220Ω || 240pF load
• –20MHz for a ±100V supply
• 35MHz for a ±100V supply in 4A
– Integrated jitter: 100fs from 100Hz to 20kHz
– CW mode close-in phase noise: –154dBc/Hz at
1kHz offset for 5MHz signal
• Active T/R switch with:
– Turn ON resistance: 8Ω
– Turn ON and OFF time: 300ns
– Channel based T/R switch on and off controls
• On-chip beamformer for pulser with:
– Channel based T/R switch on and off controls
– Delay resolution: Half beamformer clock period,
minimum 1.56ns
– Maximum delay: 214 beamformer clock period
– Per channel 960 × 32 bits memory to store
waveform and delay values.
• High-speed (400MHz maximum), 2-lane LVDS
serial programming interface
– Very low programming time: < 500ns for delay
profile update
– 32-bit Checksum feature to detect wrong SPI
writes
• Internal temperature sensor and automatic thermal
shutdown
• No specific power sequencing requirement
• Error flag register to detect multiple faulty condition
• Integrated passives for the floating supplies and
bias voltages
• Small package: FCCSP-196 (12mm × 12mm) with
0.8mm pitch

2 Applications
• Ultrasound pulser imaging system
• Piezoelectric driver

3 Description
The TX08D is a transmitter solution for ultrasound
imaging systems. The device supports eight channels
with each channel consisting of pulser transmit/
receive (T/R) switches.




Similar Part No. - TX08D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TX08D TI1-TX08D Datasheet
498Kb / 8P
TX08D 8-Channel Transmitter
OCTOBER 2023
TX08D TI2-TX08D Datasheet
520Kb / 9P
TX08D 8-Channel Ultrasound Transmitter
REVISED JANUARY 2024
TX08DACP TI2-TX08DACP Datasheet
520Kb / 9P
TX08D 8-Channel Ultrasound Transmitter
REVISED JANUARY 2024
TX08DACP.B TI2-TX08DACP.B Datasheet
520Kb / 9P
TX08D 8-Channel Ultrasound Transmitter
REVISED JANUARY 2024
More results


Similar Description - TX08D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
logo
Maxim Integrated Produc...
MAX2077 MAXIM-MAX2077 Datasheet
1Mb / 19P
Octal-Channel Ultrasound Front-End
Rev 0; 7/09
logo
Texas Instruments
TX810 TI-TX810 Datasheet
2Mb / 17P
8-Channel, Programmable T/R Switch for Ultrasound
TX810 TI-TX810_1 Datasheet
2Mb / 19P
8-Channel, Programmable T/R Switch for Ultrasound
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
Fully Integrated, 8-Channel Ultrasound Analog Front End
TX517 TI1-TX517 Datasheet
384Kb / 19P
Dual Channel, High-Voltage ??Multi-Level Output Fully Integrated Ultrasound Transmitter
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
Fully Integrated, 8-Channel Ultrasound Analog Front End
TX810 TI1-TX810_14 Datasheet
3Mb / 20P
8-Channel, Programmable T/R Switch for Ultrasound
AFE5816 TI1-AFE5816 Datasheet
2Mb / 162P
16-Channel Ultrasound AFE
logo
Microchip Technology
HV7350 MICROCHIP-HV7350 Datasheet
567Kb / 16P
8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
06/23/16
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com