Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSD36C Datasheet (PDF) - Texas Instruments

TSD36C Datasheet PDF - Texas Instruments
Part # TSD36C
Download  TSD36C Download
File Size   952.41 Kbytes
Page   22 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TSDxxC Bidirectional TVS Diodes in SOD-323 Package

TSD36C Datasheet (PDF)

Go To PDF Page Download Datasheet
TSD36C Datasheet PDF - Texas Instruments

Part # TSD36C
Download  TSD36C Click to download

File Size   952.41 Kbytes
Page   22 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TSDxxC Bidirectional TVS Diodes in SOD-323 Package

TSD36C Datasheet (HTML) - Texas Instruments


TSD36C Product details

1 Features
• IEC 61000-4-2 ESD protection:
– ±30kV contact discharge
– ±30kV air gap discharge
• IEC 61000-4-5 surge protection:
– 6.5-30A (8/20μs)
• Low IO capacitance < 7pF (typical)
• Ultra low leakage current: 10nA (maximum)
• Industrial temperature range: –55°C to +150°C
• Industry standard SOD-323 leaded package
(2.65mm × 1.3mm)

2 Applications
• I/O Protection
• Power Line Protection
• USB VBUS
• Appliances
• Medical & Healthcare
• Retail Automation

3 Description
The TSDxxC are a family of bidirectional TVS
protection diodes designed for clamping harmful
transients such as ESD and surge. The TSDxxC
devices are rated to dissipate ESD strikes up to
±30kV (contact and air gap discharge) which exceeds
the maximum level specified in the IEC 61000-4-2
international standard (Level 4).
Combining the robust clamping performance and low
capacitance of these devices, TSDxxC are excellent
TVS diodes to protect both data lines and power lines
in many different applications.
The TSDxxC family is offered in the industry
standard, leaded SOD-323 package to enable easy
solderability.




Similar Part No. - TSD36C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSD36C TI1-TSD36C Datasheet
675Kb / 12P
TSDxxC Bidirectional TVS Diodes in SOD-323 Package
REVISED JULY 2024
TSD36C TI-TSD36C Datasheet
909Kb / 23P
TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications
OCTOBER 2024
TSD36C TI2-TSD36C Datasheet
921Kb / 22P
TSDxxC Bidirectional TVS Diodes in SOD-323 Package
REVISED OCTOBER 2024
TSD36C TI2-TSD36C Datasheet
877Kb / 23P
TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications
OCTOBER 2024
TSD36C-Q1 TI-TSD36C-Q1 Datasheet
908Kb / 23P
TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications
OCTOBER 2024
More results


Similar Description - TSD36C

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386Z AVAGO-HSMP-386Z Datasheet
115Kb / 5P
General Purpose RF PIN Diodes In Surface Mount SOD-323 Package
logo
Protek Devices
GBLC PROTEC-GBLC Datasheet
498Kb / 7P
SOD-323 PACKAGE
GBLC03CIHP PROTEC-GBLC03CIHP Datasheet
445Kb / 7P
SOD-323 PACKAGE
PESD1LIN PROTEC-PESD1LIN_15 Datasheet
388Kb / 6P
SOD-323 PACKAGE
logo
Shanghai Semitech Semic...
GBLC03CI SEMITECH-GBLC03CI Datasheet
127Kb / 3P
Small SOD-323 Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389Z AVAGO-HSMP-389Z Datasheet
99Kb / 5P
RF Switching PIN Diodes In Surface Mount SOD-323 Package
HSMS-282Z AVAGO-HSMS-282Z Datasheet
230Kb / 5P
RF Schottky Barrier Diodes In Surface Mount SOD-323 Package
logo
Foshan Blue Rocket Elec...
BAV19WS FOSHAN-BAV19WS Datasheet
1Mb / 6P
Silicon Diode in a SOD-323 Plastic Package
logo
Texas Instruments
TSD05C TI-TSD05C Datasheet
1Mb / 17P
TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package
JUNE 2023
TSD05C TI1-TSD05C_V01 Datasheet
878Kb / 15P
TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package
REVISED JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com