Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW56NM60N Datasheet (PDF) - Inchange Semiconductor Company Limited

STW56NM60N Datasheet PDF - Inchange Semiconductor Company Limited
Part # STW56NM60N
Download  STW56NM60N Download
File Size   351.25 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

STW56NM60N Datasheet (PDF)

Go To PDF Page Download Datasheet
STW56NM60N Datasheet PDF - Inchange Semiconductor Company Limited

Part # STW56NM60N
Download  STW56NM60N Click to download

File Size   351.25 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

STW56NM60N Datasheet (HTML) - Inchange Semiconductor Company Limited


STW56NM60N Product details

FEATURES
·Drain Current -ID= 45A@ TC=25℃
·Drain Source Voltage -VDSS=600V(Min)
·Static Drain-Source On-Resistance
-RDS(on) = 0.06Ω(Max)@VGS= 10V
DESCRIPTION
·Motor drive, DC-DC converter, power switch
and solenoid drive.




Similar Part No. - STW56NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW56NM60N STMICROELECTRONICS-STW56NM60N Datasheet
415Kb / 11P
N-channel 600 V, 0.05 Ω, 45 A TO-247 MDmesh™II Power MOSFET
18-Jul-2011
More results


Similar Description - STW56NM60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com