Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULQ2003A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ULQ2003A Datasheet PDF - Texas Instruments
Part # ULQ2003A
Download  ULQ2003A Download
File Size   1375.58 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ULQ200xA-Q1 High-Voltage High-Current Darlington Transistor Arrays

ULQ2003A Datasheet (PDF)

Go To PDF Page Download Datasheet
ULQ2003A Datasheet PDF - Texas Instruments

Part # ULQ2003A
Download  ULQ2003A Click to download

File Size   1375.58 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ULQ200xA-Q1 High-Voltage High-Current Darlington Transistor Arrays

ULQ2003A Datasheet (HTML) - Texas Instruments


ULQ2003A Product details

1 Features
• Qualified for automotive applications
• ESD protection exceeds 200V using machine
model (C = 200pF, R = 0)
• 500mA-rated collector current (single output)
• High-voltage outputs: 50V
• Output clamp diodes
• Inputs compatible with various types of logic
• Relay-driver applications

2 Applications
• Relay drivers
• Stepper and DC brushed motor drivers
• Lamp drivers
• Display drivers (LED and gas discharge)
• Line drivers
• Logic buffers

3 Description
The ULQ200xA-Q1 devices are high-voltage highcurrent
Darlington transistor arrays. Each consists
of seven npn Darlington pairs that feature highvoltage
outputs with common-cathode clamp diodes
for switching inductive loads. The collector-current
rating of a single Darlington pair is 500mA. The
Darlington pairs can be paralleled for higher current
capability.
The ULQ2003A-Q1 has a 2.7kΩ series base resistor
for each Darlington pair, for operation directly with
TTL or 5V CMOS devices. The ULQ2004A-Q1 has a
10.5kΩ series base resistor to allow operation directly
from CMOS devices that use supply voltages of 6V to
15V. The required input current of the ULQ2004A-Q1
is below that of the ULQ2003A-Q1.




Similar Part No. - ULQ2003A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULQ2003A TI-ULQ2003A Datasheet
143Kb / 9P
DARLINGTON TRANSISTOR ARRAY
logo
Allegro MicroSystems
ULQ2003A ALLEGRO-ULQ2003A Datasheet
176Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
STMicroelectronics
ULQ2003A STMICROELECTRONICS-ULQ2003A Datasheet
300Kb / 7P
SEVEN DARLINGTON ARRAYS
Feb-2002
ULQ2003A STMICROELECTRONICS-ULQ2003A Datasheet
210Kb / 13P
Seven darlington array
23-May-2007
logo
Texas Instruments
ULQ2003A TI-ULQ2003A Datasheet
657Kb / 22P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Similar Description - ULQ2003A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A Datasheet
293Kb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com