Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1366013 Datasheet (PDF) - PHOENIX CONTACT

1366013 Datasheet PDF - PHOENIX CONTACT
Part # 1366013
Download  1366013 Download
File Size   320.35 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPTA-THR 2,5/10-5,0 P26 - PCB terminal block

1366013 Datasheet (PDF)

Go To PDF Page Download Datasheet
1366013 Datasheet PDF - PHOENIX CONTACT

Part # 1366013
Download  1366013 Click to download

File Size   320.35 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPTA-THR 2,5/10-5,0 P26 - PCB terminal block

1366013 Datasheet (HTML) - PHOENIX CONTACT


1366013 Product details

Printed circuit board terminal, nominal current: 32 A, rated voltage (III/2): 400 V, nominal cross
section: 4 mm2, number of rows: 1, number of positions per row: 10, product range: SPTA 2,5/..-
THR, pitch: 5 mm, connection method: Push-in spring connection, mounting: THR soldering /
wave soldering, conductor/PCB connection direction: 45 °, color: black, Pin layout: Linear
pinning, Solder pin [P]: 2.6 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Angled connection enables multi-row arrangement on the PCB
• Designed for integration into the SMT soldering process




Similar Part No. - 1366013

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1366010 PHOENIX-1366010 Datasheet
320Kb / 9P
SPTA-THR 2,5/ 7-5,0 P26 - PCB terminal block
logo
Weidmuller
1366010000 WEIDMULLER-1366010000 Datasheet
225Kb / 5P
BHZ 5.00/04/90LH BK/BK SO
logo
PHOENIX CONTACT
1366011 PHOENIX-1366011 Datasheet
320Kb / 9P
SPTA-THR 2,5/ 8-5,0 P26 - PCB terminal block
1366012 PHOENIX-1366012 Datasheet
320Kb / 9P
SPTA-THR 2,5/ 9-5,0 P26 - PCB terminal block
1366014 PHOENIX-1366014 Datasheet
319Kb / 9P
SPTA-THR 2,5/11-5,0 P26 - PCB terminal block
More results


Similar Description - 1366013

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1135350 PHOENIX-1135350 Datasheet
348Kb / 11P
PCB terminal block - SPT-THR 2,5/ 6-V-5,0 P26
Jun 29, 2022
1135351 PHOENIX-1135351 Datasheet
348Kb / 11P
PCB terminal block - SPT-THR 2,5/ 7-V-5,0 P26
Jun 29, 2022
1135352 PHOENIX-1135352 Datasheet
348Kb / 11P
PCB terminal block - SPT-THR 2,5/ 8-V-5,0 P26
Jun 29, 2022
1135353 PHOENIX-1135353 Datasheet
348Kb / 11P
PCB terminal block - SPT-THR 2,5/ 9-V-5,0 P26
Jun 29, 2022
1135354 PHOENIX-1135354 Datasheet
348Kb / 11P
PCB terminal block - SPT-THR 2,5/10-V-5,0 P26
Jun 29, 2022
1135357 PHOENIX-1135357 Datasheet
348Kb / 11P
PCB terminal block - SPT-THR 2,5/12-V-5,0 P26
Jun 29, 2022
1135293 PHOENIX-1135293 Datasheet
342Kb / 11P
PCB terminal block - SPT-THR 2,5/ 2-H-5,0 P26
Jul 6, 2022
1135302 PHOENIX-1135302 Datasheet
344Kb / 11P
PCB terminal block - SPT-THR 2,5/ 8-H-5,0 P26
Jul 6, 2022
1135305 PHOENIX-1135305 Datasheet
344Kb / 11P
PCB terminal block - SPT-THR 2,5/10-H-5,0 P26
Jul 6, 2022
1135307 PHOENIX-1135307 Datasheet
344Kb / 11P
PCB terminal block - SPT-THR 2,5/12-H-5,0 P26
Jul 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com