Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV4910T Datasheet (PDF) - Sanyo Semicon Device

LV4910T Datasheet PDF - Sanyo Semicon Device
Part # LV4910T
Download  LV4910T Download
File Size   87.61 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Bi-CMOS LSI Class-D Audio Power Amplifier BTL 2W 횞 2ch

LV4910T Datasheet (PDF)

Go To PDF Page Download Datasheet
LV4910T Datasheet PDF - Sanyo Semicon Device

Part # LV4910T
Download  LV4910T Click to download

File Size   87.61 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Bi-CMOS LSI Class-D Audio Power Amplifier BTL 2W 횞 2ch

LV4910T Datasheet (HTML) - Sanyo Semicon Device


LV4910T Product details

Overview
LV4910T is a stereo digital amplifier for portable equipment, for example notebook-PC, portable DVD and portable mini-speakers. It is characterized by the use of an original feedback technology to improve sound quality though it is Class-D amplifier, and does not need the LC filter in the output stage.

Features
• D-class high-efficiency amplifier
• Low pop sound at SW changeover
• Differential input type

Functions
• 2W stereo digital power amplifier
• Standby switch
• Mute switch
• Various protective circuits (over-current protective, thermal protective, and under-voltage circuits) incorporated




Similar Part No. - LV4910T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV4910T ONSEMI-LV4910T Datasheet
81Kb / 7P
Class-D Audio Power Amplifier
May, 2013
More results


Similar Description - LV4910T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4900H SANYO-LV4900H Datasheet
450Kb / 14P
Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
LV4900HR SANYO-LV4900HR Datasheet
385Kb / 14P
Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
logo
Toshiba Semiconductor
TA8205AHQ TOSHIBA-TA8205AHQ Datasheet
934Kb / 14P
18W BTL 횞 2CH Audio Power Amplifier
TA8210AHQ TOSHIBA-TA8210AHQ Datasheet
940Kb / 14P
20W BTL 횞 2ch Audio Power Amplifier
TA8215HQ TOSHIBA-TA8215HQ Datasheet
928Kb / 14P
18W BTL 횞 2CH Audio Power Amplifier
TA8220HQ TOSHIBA-TA8220HQ_06 Datasheet
1Mb / 15P
30W BTL 횞 2ch Audio Power Amplifier
TA8221AHQ TOSHIBA-TA8221AHQ Datasheet
1Mb / 16P
30W BTL 횞 2Ch Audio Power Amplifier
logo
Sanyo Semicon Device
LV4912GP SANYO-LV4912GP Datasheet
133Kb / 11P
Bi-CMOS LSI Crass-D Audio Power Amplifier BTL 2W횞1ch
LV49157V SANYO-LV49157V Datasheet
1Mb / 30P
Bi-CMOS LSI Class-D Audio Power Amplifier with built-in Headphone Ampifier BTL 15W 횞 2ch
LV49152V SANYO-LV49152V_10 Datasheet
481Kb / 24P
Class-D Audio Power Amplifier BTL 15W 횞 2ch
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com