Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NXF6505ADA-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

NXF6505ADA-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # NXF6505ADA-Q100
Download  NXF6505ADA-Q100 Download
File Size   1359.35 Kbytes
Page   39 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-noise, 1.2 A transformer driver for isolated power supplies

NXF6505ADA-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
NXF6505ADA-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # NXF6505ADA-Q100
Download  NXF6505ADA-Q100 Click to download

File Size   1359.35 Kbytes
Page   39 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-noise, 1.2 A transformer driver for isolated power supplies

NXF6505ADA-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved


NXF6505ADA-Q100 Product details

1. General description
The NXF6505A/B-Q100 is a specialized push-pull
transformer driver that is designed for isolated power
supplies in small form factors. This driver is capable
of driving low-profile, center-tapped transformers from
a 2.25 V to 5.5 V DC power supply, while achieving
ultra-low noise and EMI using slew rate control and
Spread Spectrum Clocking (SSC).
The NXF6505A/B-Q100 features internal protection
features such as current limiting, undervoltage lockout,
thermal shutdown, and break-before-make circuitry,
ensuring the device operates within safe limits. The
device also includes a soft-start feature that prevents
high inrush current during power-up with large load.
The NXF6505A/B-Q100 is constructed using
an oscillator and a gate drive circuit that
produces complementary output signals to drive
ground-referenced N-channel power switches.
These two complementary 1.2 A Power-MOSFET
switches can be used to provide >6 W power. The
440 kHz internal oscillator is for applications that
require higher efficiency and smaller transformers.
The NXF6505A/B-Q100 is available in a small 6 pin
SOT8061-1 package and is characterized for operation
within a temperature range of -55 °C to 125 °C.
This product has been qualified to the Automotive
Electronics Council (AEC) standard Q100 (Grade 1)
and is suitable for use in automotive applications.

2. Features and benefits
• Automotive product qualification in accordance with
AEC-Q100 (Grade 1)
• Specified from -55 °C to +125 °C
• Push-pull driver for transformers, optimized for low
EMI:
• Slew-rate control output
• Spread Spectrum Clocking (SSC)
• Wide input voltage range: 2.25 V to 5.5 V
• High output drive: 1.2 A at 5 V supply
• Low RON 0.2 Ω maximum at 5 V supply
• Internal switching frequency:
• for NXF6505A-Q100: 160 kHz
• for NXF6505B-Q100: 440 kHz
• Synchronization of multiple devices with external
clock input
• 2.2 A current limit at 5 V
• Enable pin to put device in low shutdown current:
<1 μA
• Thermal shutdown protection
• Soft-start start-up
• Small 6 pin SOT8061-1 (SC-74; TSOP-6) package
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 3A
exceeds 6000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3
exceeds 1500 V

3. Applications
• Isolated power supply for automotive and industrial
applications including:
• CAN, RS-485, RS-422, RS-232, SPI, I²C,
low-power LAN
• Low-noise isolated USB supplies
• Process control
• Telecom supplies
• Radio supplies
• Distributed supplies
• Medical instruments
• Precision instruments
• Low-noise filament supplies
• Motor control




Similar Part No. - NXF6505ADA-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NXF6501-Q100 NEXPERIA-NXF6501-Q100 Datasheet
571Kb / 30P
Low-noise, 1.2 A transformer driver for isolated power supplies
Rev. 1 - 28 June 2024
More results


Similar Description - NXF6505ADA-Q100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6501 TI1-SN6501 Datasheet
1Mb / 26P
Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501_13 Datasheet
1Mb / 29P
Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1 Datasheet
963Kb / 33P
Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1_14 Datasheet
964Kb / 34P
Transformer Driver for Isolated Power Supplies
SN6501 TI-SN6501_15 Datasheet
1Mb / 34P
SN6501 Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI-SN6501-Q1_15 Datasheet
1Mb / 34P
SN6501-Q1 Transformer Driver for Isolated Power Supplies
SN6505A TI-SN6505A_15 Datasheet
1Mb / 30P
SN6505 Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
SN6505A TI1-SN6505A_16 Datasheet
1Mb / 30P
Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
SN6505A-Q1 TI1-SN6505A-Q1 Datasheet
797Kb / 33P
Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
SN6505A-Q1 TI1-SN6505A-Q1_19 Datasheet
947Kb / 35P
Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com