Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN1R2-60YSN Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN1R2-60YSN Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN1R2-60YSN
Download  PSMN1R2-60YSN Download
File Size   320.27 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 60 V, 1.2 mOhm, ASFET for Battery System in LFPAK56E

PSMN1R2-60YSN Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN1R2-60YSN Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN1R2-60YSN
Download  PSMN1R2-60YSN Click to download

File Size   320.27 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 60 V, 1.2 mOhm, ASFET for Battery System in LFPAK56E

PSMN1R2-60YSN Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN1R2-60YSN Product details

1. General description
ASFET for Battery System applications, characterized by low RDSon and strong SOA capability
for reduced I2R conduction losses. ASFETs deliver high efficiency, reduced heat generation and
superior handling of inrush current during transient and fault conditions.

2. Features and benefits
• High continuous ID(max)
• Strong SOA capability
• Avalanche rated, 100% tested
• High reliability LFPAK (Power-SO8) package, qualified to 175 °C
• LFPAK copper clip
• LFPAK gull wing lead

3. Applications
• Battery management systems (BMS)
• eFuse
• Load-switch
• BLDC motor control
• High-performance power supply
• High-performance synchronous rectification




Similar Part No. - PSMN1R2-60YSN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R2-25YL NXP-PSMN1R2-25YL Datasheet
220Kb / 13P
N-channel 25 V 1.2 m廓 logic level MOSFET in LFPAK
Rev. 01-25 June 2009
logo
Nexperia B.V. All right...
PSMN1R2-25YL NEXPERIA-PSMN1R2-25YL Datasheet
724Kb / 13P
N-channel 25 V 1.2 mΩ logic level MOSFET in LFPAK
Rev. 01 - 25 June 2009
logo
NXP Semiconductors
PSMN1R2-25YLC PHILIPS-PSMN1R2-25YLC Datasheet
1Mb / 8P
NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN1R2-25YLC PHILIPS-PSMN1R2-25YLC Datasheet
1Mb / 8P
NextPower MOSFETs
May 2011
PSMN1R2-25YLC PHILIPS-PSMN1R2-25YLC Datasheet
350Kb / 15P
N-channel 25 V 1.3 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-2 May 2011
More results


Similar Description - PSMN1R2-60YSN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R6-25YLE NEXPERIA-PSMN1R6-25YLE Datasheet
314Kb / 13P
N-channel 25 V, 1.9 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56
10 January 2023
PSMN1R0-30YLE NEXPERIA-PSMN1R0-30YLE Datasheet
321Kb / 13P
N-channel 30 V, 1.1 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56
10 November 2022
PSMN1R1-30YLE NEXPERIA-PSMN1R1-30YLE Datasheet
318Kb / 13P
N-channel 30 V, 1.3 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56
10 November 2022
PSMN2R1-30YLE NEXPERIA-PSMN2R1-30YLE Datasheet
320Kb / 13P
N-channel 30 V, 2.2 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56
10 November 2022
PSMN4R2-80YSE NEXPERIA-PSMN4R2-80YSE Datasheet
319Kb / 13P
N-channel 80 V, 4.2 mOhm MOSFET with enhanced SOA in LFPAK56E
3 September 2021
PSMN4R8-100YSE NEXPERIA-PSMN4R8-100YSE Datasheet
317Kb / 13P
N-channel 100 V, 4.8 mOhm MOSFET with enhanced SOA in LFPAK56E
25 June 2021
PSMNR56-25YLE NEXPERIA-PSMNR56-25YLE Datasheet
309Kb / 12P
N-channel 25 V, 0.63 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56E
10 November 2022
PSMNR67-30YLE NEXPERIA-PSMNR67-30YLE Datasheet
304Kb / 12P
N-channel 30 V, 0.70 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56E
10 November 2022
PSMNR82-30YLE NEXPERIA-PSMNR82-30YLE Datasheet
315Kb / 13P
N-channel 30 V, 0.87 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56
10 November 2022
PSMNR89-25YLE NEXPERIA-PSMNR89-25YLE Datasheet
320Kb / 13P
N-channel 25 V, 0.98 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56
10 January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com