Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM5261 Datasheet (PDF) - PMC-Sierra, Inc

RM5261 Datasheet PDF - PMC-Sierra, Inc
Part # RM5261
Download  RM5261 Download
File Size   683.89 Kbytes
Page   40 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description RM5261??Microprocessor with 64-Bit System Bus Data Sheet Released

RM5261 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM5261 Datasheet PDF - PMC-Sierra, Inc

Part # RM5261
Download  RM5261 Click to download

File Size   683.89 Kbytes
Page   40 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description RM5261??Microprocessor with 64-Bit System Bus Data Sheet Released

RM5261 Datasheet (HTML) - PMC-Sierra, Inc


RM5261 Product details

Hardware Overview
The RM5261 offers a high-level of integration targeted at high-performance embedded applications. The key elements of the RM5261 are briefly described below

Features
• Dual Issue superscalar microprocessor
    • 200, 250, 266 MHz operating frequencies
    • 320 Dhrystone 2.1 MIPS
• High-performance system interface
    • 64-bit multiplexed system address/data bus for optimum price/performance
    • High-performance write protocols maximize uncached write bandwidth
    • Processor clock multipliers 2, 2.5, 3, 3.5, 4, 4.5, 5, 6, 7, 8, 9
    • IEEE 1149.1 JTAG boundary scan
• Integrated on-chip caches
    • 32KB instruction and 32KB data — 2 way set associative
    • Virtually indexed, physically tagged
    • Write-back and write-through on a per page basis
    • Pipeline restart on first doubleword for data cache misses
• Integrated memory management unit
    • Fully associative joint TLB (shared by I and D translations)
    • 48 dual entries map 96 pages
    • Variable page size (4 KB to 16 MB in 4x increments)
• High-performance floating-point unit: up to 530 MFLOPS
    • Single cycle repeat rate for common single-precision operations and some double-precision operations
    • Two cycle repeat rate for double-precision multiply and double precision combined multiply-add operations
    • Single cycle repeat rate for single-precision combined multiply-add operation
• MIPS IV instruction set
    • Floating point multiply-add instruction increases performance in signal processing and graphics applications
    • Conditional moves to reduce branch frequency
    • Index address modes (register + register)
• Embedded application enhancements
    • Specialized DSP integer Multiply-Accumulate instructions and 3-operand multiply instruction
    • I and D cache locking by set
    • Optional dedicated exception vector for interrupts
• Fully static 0.25 micron CMOS design with power down logic
    • Standby reduced power mode with WAIT instruction
    • 2.5 V core with 3.3 V IOs
• 208-pin PQFP package




Similar Part No. - RM5261

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
RM5261A PMC-RM5261A Datasheet
54Kb / 4P
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM5261A PMC-RM5261A Datasheet
683Kb / 42P
RM5261A??Microprocessor with 64-Bit System Bus Data Sheet Preliminary
RM5261A PMC-RM5261A Datasheet
39Kb / 2P
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM5261A-250-H PMC-RM5261A-250-H Datasheet
683Kb / 42P
RM5261A??Microprocessor with 64-Bit System Bus Data Sheet Preliminary
RM5261A-300-H PMC-RM5261A-300-H Datasheet
683Kb / 42P
RM5261A??Microprocessor with 64-Bit System Bus Data Sheet Preliminary
More results


Similar Description - RM5261

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68008 MOTOROLA-MC68008 Datasheet
927Kb / 36P
16-Bit Microprocessor With 8-Bit Data Bus
logo
PMC-Sierra, Inc
RM5231 PMC-RM5231 Datasheet
630Kb / 39P
RM5231??Microprocessor with 32-Bit System Bus Data Sheet Released
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM5231A PMC-RM5231A Datasheet
595Kb / 40P
RM5231A??Microprocessor with 32-Bit System Bus Data Sheet Preliminary
RM5261A PMC-RM5261A Datasheet
683Kb / 42P
RM5261A??Microprocessor with 64-Bit System Bus Data Sheet Preliminary
RM7000A PMC-RM7000A Datasheet
1Mb / 53P
RM7000A??Microprocessor with On-Chip Secondary Cache Data Sheet Released
logo
Intel Corporation
80960SA INTEL-80960SA Datasheet
374Kb / 39P
EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
80960SB INTEL-80960SB Datasheet
382Kb / 38P
EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
EE80960SB16512 INTEL-EE80960SB16512 Datasheet
1Mb / 38P
EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
logo
PMC-Sierra, Inc
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com