Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1837608 Datasheet (PDF) - PHOENIX CONTACT

1837608 Datasheet PDF - PHOENIX CONTACT
Part # 1837608
Download  1837608 Download
File Size   320.68 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCV 2,5/ 3-GF-LR P20THRR56 - PCB header

1837608 Datasheet (PDF)

Go To PDF Page Download Datasheet
1837608 Datasheet PDF - PHOENIX CONTACT

Part # 1837608
Download  1837608 Click to download

File Size   320.68 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCV 2,5/ 3-GF-LR P20THRR56 - PCB header

1837608 Datasheet (HTML) - PHOENIX CONTACT


1837608 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 3, number
of rows: 1, number of positions: 3, number of connections: 3, product range: CCV 2,5/..-GF-LR,
pitch: 5 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning, solder pin [P]:
2 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: Lock-and-release locking system, mounting:
Lock & release threaded flange, type of packaging: 56 mm wide tape

Your advantages
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Screwable flange for superior mechanical stability
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color




Similar Part No. - 1837608

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
18376 VICOR-18376 Datasheet
148Kb / 4P
16. Through-hole Socket Mount System (InMate)
logo
PHOENIX CONTACT
1837611 PHOENIX-1837611 Datasheet
91Kb / 3P
Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
1837624 PHOENIX-1837624 Datasheet
91Kb / 3P
Screwable flange for superior mechanical stability
logo
Bahco
1837624 BAHCO-1837624 Datasheet
110Kb / 1P
Combination spanner, offset, 111M/
logo
Weidmuller
1837630000 WEIDMULLER-1837630000 Datasheet
485Kb / 5P
SL-SMT 5.08HC/02/90F 3.2SN BK BX
More results


Similar Description - 1837608

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1955646 PHOENIX-1955646 Datasheet
131Kb / 5P
CCV 2,5/ 3-GF-5,08 P26THR
1836719 PHOENIX-1836719 Datasheet
487Kb / 15P
PCB header - CC 2,5/ 5-GF-LR P20 THR
Jan 10, 2023
1955536 PHOENIX-1955536 Datasheet
2Mb / 30P
PCB header - CCV 2,5/ 3-G-5,08 P26THRR32
Dec 30, 2022
1837365 PHOENIX-1837365 Datasheet
336Kb / 11P
CCV 2,5/ 2-GF-LR P20 THR - PCB header
1955688 PHOENIX-1955688 Datasheet
1Mb / 25P
CCV 2,5/ 7-GF-5,08 P26THR - PCB header
1837420 PHOENIX-1837420 Datasheet
333Kb / 10P
CCV 2,5/ 8-GF-LR P20 THR - PCB header
1827773 PHOENIX-1827773 Datasheet
1Mb / 15P
CCV 2,5/14-GF-5,08-LR P26THR - PCB header
1955743 PHOENIX-1955743 Datasheet
1Mb / 25P
CCV 2,5/ 2-GF-5,08 P26THRR32 - PCB header
1836696 PHOENIX-1836696 Datasheet
491Kb / 15P
CC 2,5/ 3-GF-LR P20 THR - PCB header
1837404 PHOENIX-1837404 Datasheet
333Kb / 10P
CCV 2,5/ 6-GF-LR P20 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com