Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBE602 Datasheet (PDF) - Sanyo Semicon Device

SBE602 Datasheet PDF - Sanyo Semicon Device
Part # SBE602
Download  SBE602 Download
File Size   40.29 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode (Twin Type Cathode Common) 30V, 70mA Rectifier

SBE602 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBE602 Datasheet PDF - Sanyo Semicon Device

Part # SBE602
Download  SBE602 Click to download

File Size   40.29 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode (Twin Type Cathode Common) 30V, 70mA Rectifier

SBE602 Datasheet (HTML) - Sanyo Semicon Device


SBE602 Product details

30V, 70mA Rectifier

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=10ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.
• Ultrasmall-sized package permitting SBE602-applied sets to be made small and slim.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SBE602

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SBE-100B HANWHAVISION-SBE-100B Datasheet
1Mb / 4P
2M H.264 Explosion-proof Camera
SBE-100B HANWHAVISION-SBE-100B Datasheet
1Mb / 4P
2MP Explosion-proof Camera
SBE-100B HANWHAVISION-SBE-100B Datasheet
1Mb / 4P
2MP Explosion-proof Camera
SBE-100B HANWHAVISION-SBE-100B Datasheet
1Mb / 4P
2M H.264 Explosion-proof Camera
SBE-100B HANWHAVISION-SBE-100B Datasheet
1Mb / 4P
2MP Explosion-proof Camera
More results


Similar Description - SBE602

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR732E KEC-KDR732E Datasheet
389Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (TWIN TYPE, CATHODE COMMON)
KDR732V KEC-KDR732V Datasheet
390Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (TWIN TYPE, CATHODE COMMON)
logo
Sanyo Semicon Device
SBR100-16JS SANYO-SBR100-16JS Datasheet
39Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 10A Rectifier
SBR200-10JS SANYO-SBR200-10JS Datasheet
50Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 20A Rectifier
SBR250-10J SANYO-SBR250-10J Datasheet
36Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 25A Rectifier
SBT80-06J SANYO-SBT80-06J Datasheet
39Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier
SBT150-06JS SANYO-SBT150-06JS Datasheet
251Kb / 3P
Schottky Barrier Diode (Twin Type - Cathode Common) 60V, 15A Rectifier
SBT250-04JS SANYO-SBT250-04JS Datasheet
249Kb / 3P
Schottky Barrier Diode (Twin Type - Cathode Common) 40V, 25A Rectifier
SBR250-10JS SANYO-SBR250-10JS Datasheet
251Kb / 3P
Schottky Barrier Diode (Twin Type - Cathode Common) 100V, 25A Rectifier
RU-SPX4 SANYO-RU-SPX4 Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com