Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL80101-ADJ Datasheet (PDF) - Renesas Technology Corp

SL80101-ADJ Datasheet PDF - Renesas Technology Corp
Part # SL80101-ADJ
Download  SL80101-ADJ Download
File Size   805.18 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance 1A Linear Regulator with Programmable Current Limiting

SL80101-ADJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SL80101-ADJ Datasheet PDF - Renesas Technology Corp

Part # SL80101-ADJ
Download  SL80101-ADJ Click to download

File Size   805.18 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance 1A Linear Regulator with Programmable Current Limiting

SL80101-ADJ Datasheet (HTML) - Renesas Technology Corp


SL80101-ADJ Product details

• ±2% VADJ accuracy guaranteed over line, load and
TJ = -40°C to +125°C
• Very low 212mV dropout voltage at VIN = 4.5V
• High accuracy current limit programmable up to 1.75A
• Very fast transient response
• 100µVRMS output noise
• Power-good output
• Programmable soft-start
• Over-temperature protection
• Small 10 Ld DFN package




Similar Part No. - SL80101-ADJ

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SL80173WP LSTD-SL80173WP Datasheet
401Kb / 1P
Neutral color and dimunuitive profile
More results


Similar Description - SL80101-ADJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5 Datasheet
495Kb / 11P
1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
December 8, 2010
ISL80101A INTERSIL-ISL80101A Datasheet
570Kb / 12P
High Performance 1A Linear Regulator with Programmable Current Limiting
February 24, 2011
ISL80121-5_1109 INTERSIL-ISL80121-5_1109 Datasheet
478Kb / 11P
1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
September 29, 2011
logo
Linear Technology
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
600mA Negative Linear Regulator with Programmable Current Limit
logo
Intersil Corporation
ISL80101A INTERSIL-ISL80101A_15 Datasheet
498Kb / 13P
High Performance 1A Linear Regulator with Programmable Current Limiting
August 11, 2015
ISL80121IR50Z INTERSIL-ISL80121IR50Z Datasheet
416Kb / 12P
1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
June 22, 2012
logo
Vicor Corporation
PI2211 VICOR-PI2211 Datasheet
2Mb / 26P
Programmable inrush current limiting
logo
Linear Technology
LT3090 LINER-LT3090 Datasheet
330Kb / 6P
??6V, 600mA Negative Linear Regulator with Programmable Current Limit
logo
Renesas Technology Corp
ISL80101A RENESAS-ISL80101A Datasheet
756Kb / 13P
High Performance 1A Linear Regulator with Programmable Current Limiting
ISL80121-5 RENESAS-ISL80121-5 Datasheet
668Kb / 12P
1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com