Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS11035 Datasheet (PDF) - Mitsubishi Electric Semiconductor

PS11035 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # PS11035
Download  PS11035 Download
File Size   118.67 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description Acoustic noise-less 1.5kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package

PS11035 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS11035 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # PS11035
Download  PS11035 Click to download

File Size   118.67 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description Acoustic noise-less 1.5kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package

PS11035 Datasheet (HTML) - Mitsubishi Electric Semiconductor


PS11035 Product details

INTEGRATED FUNCTIONS AND FEATURES
• Converter bridge for 3 phase AC-to-DC power conversion.
• 3 phase IGBT inverter bridge configured by the latest 3rd. generation IGBT and diode technology.

INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS:
• P-Side IGBTs : Drive circuit, high-level-shift circuit, bootstrap circuit supply scheme for Single Control-Power-Source drive, and under voltage (UV) protection.
• N-Side IGBTs : Drive circuit, DC-Link current sense and amplifier circuits for overcurrent protection, control-supply under-voltage protection (UV), and fault output (FO) signaling circuit.
• Fault Output : N-side IGBT short circuit (SC), over-current (OC), and control supply under-voltage (UV).
• Inverter Analog Current Sense : N-Side IGBT DC-Link Current Sense.
• Input Interface : 5V CMOS/TTL compatible, Schmitt Trigger input, and Arm-Shoot-Through interlock protective function.

APPLICATION
   Acoustic noise-less 1.5kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package




Similar Part No. - PS11035

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS11035 POWEREX-PS11035 Datasheet
83Kb / 6P
Intellimod??Module Application Specific IPM (20 Amperes/600 Volts)
logo
List of Unclassifed Man...
PS11035 ETC1-PS11035 Datasheet
254Kb / 3P
Patch Lead - CAT 5E
logo
Pro-Signal
PS11035 PROSIGNAL-PS11035 Datasheet
421Kb / 2P
Patch Lead - CAT 5E
10/12/19 V1.2
More results


Similar Description - PS11035

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS11015 MITSUBISHI-PS11015 Datasheet
413Kb / 6P
Acoustic noise-less 1.5kW/AC200V class 3 phase inverter and other motor control applications
PS11033 MITSUBISHI-PS11033 Datasheet
118Kb / 5P
Acoustic noise-less 0.4kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11034 MITSUBISHI-PS11034 Datasheet
118Kb / 5P
Acoustic noise-less 0.75kW/200V AC Class 3 phase inverters, motor control applications and motors with built-in small size inverter package
PS11036 MITSUBISHI-PS11036 Datasheet
98Kb / 5P
Acoustic noise-less 2.2kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11037 MITSUBISHI-PS11037 Datasheet
97Kb / 5P
Acoustic noise-less 3.7kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12015-A MITSUBISHI-PS12015-A Datasheet
273Kb / 6P
Acoustic noise-less 1.5kW/AC400V Class 3 Phase inverter and other motor control applications
PS12033 MITSUBISHI-PS12033 Datasheet
75Kb / 5P
Acoustic noise-less 0.4kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12034 MITSUBISHI-PS12034 Datasheet
75Kb / 5P
Acoustic noise-less 0.75kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12036 MITSUBISHI-PS12036 Datasheet
75Kb / 5P
Acoustic noise-less 2.2kW/400V AC Class 3 phase inverters, motor control
PS12038 MITSUBISHI-PS12038 Datasheet
75Kb / 5P
Acoustic noise-less 3.7kW/400V AC Class 3 phase inverters, motor control applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com