Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBS806 Datasheet (PDF) - SMC Diode Solutions Co. LTD

HBS806 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # HBS806
Download  HBS806 Download
File Size   718.96 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Glass Passivated Single-Phase 8.0Amp Surface Mount Bridge Rectifier

HBS806 Datasheet (PDF)

Go To PDF Page Download Datasheet
HBS806 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # HBS806
Download  HBS806 Click to download

File Size   718.96 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Glass Passivated Single-Phase 8.0Amp Surface Mount Bridge Rectifier

HBS806 Datasheet (HTML) - SMC Diode Solutions Co. LTD


HBS806 Product details

Features
 Surface mount bridge, small package;
 Ideal for printed circuit boards;
 Glass passivated chip junction;
 High forward current capability up to 8.0A;
 High surge current capability;
 High heat dissipation capability;
 Low profile package;
 Low forward voltage drop;
 Plastic package has Underwrites LaboratoryFlammability Classification 94V-0
 This is a Pb − Free Device
 All SMC parts are traceable to the wafer lot
 Additional testing can be offered upon request

Mechanical Data
 Case: HBS;
 Epoxy meets UL-94V-0 Flammability rating;
 Terminals:Matte tin plated leads, solderableper
J-STD-002 and JESD22-B102;
 High temperature soldering guaranteed:
Solder Reflow 260℃,10seconds;
 Polarity: As marked on body;
 Marking: Type number;




Similar Part No. - HBS806

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
HBS802 SMCDIODE-HBS802 Datasheet
719Kb / 5P
Glass Passivated Single-Phase 8.0Amp Surface Mount Bridge Rectifier
HBS802 SMCDIODE-HBS802 Datasheet
718Kb / 5P
Glass Passivated Single-Phase 8.0Amp Surface Mount Bridge Rectifier
HBS802 SMCDIODE-HBS802 Datasheet
718Kb / 5P
Glass Passivated Single-Phase 8.0Amp Surface Mount Bridge Rectifier
HBS804 SMCDIODE-HBS804 Datasheet
718Kb / 5P
Glass Passivated Single-Phase 8.0Amp Surface Mount Bridge Rectifier
logo
Zibo Seno Electronic En...
HBS805 ZSELEC-HBS805 Datasheet
119Kb / 2P
8.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - HBS806

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DI150S PANJIT-DI150S_15 Datasheet
112Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
E91201A GOOD-ARK-E91201A Datasheet
357Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91205A GOOD-ARK-E91205A Datasheet
375Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
logo
DIYI Electronic Technol...
UG8KB05A DYELEC-UG8KB05A Datasheet
439Kb / 2P
SINGLE PHASE 8.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG8KB05A DYELEC-UG8KB05A_17 Datasheet
1Mb / 3P
SINGLE PHASE 8.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBU8005G DYELEC-GBU8005G Datasheet
864Kb / 3P
SINGLE PHASE 8.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
E92205A GOOD-ARK-E92205A Datasheet
251Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92207A GOOD-ARK-E92207A Datasheet
239Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92305A GOOD-ARK-E92305A Datasheet
241Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
logo
SMC Diode Solutions Co....
HBS802 SMCDIODE-HBS802 Datasheet
719Kb / 5P
Glass Passivated Single-Phase 8.0Amp Surface Mount Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com