Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1692859 Datasheet (PDF) - PHOENIX CONTACT

1692859 Datasheet PDF - PHOENIX CONTACT
Part # 1692859
Download  1692859 Download
File Size   500.36 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IPD P 5P2,5 M A1,0 PVC GY - Connecting cable

1692859 Datasheet (PDF)

Go To PDF Page Download Datasheet
1692859 Datasheet PDF - PHOENIX CONTACT

Part # 1692859
Download  1692859 Click to download

File Size   500.36 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IPD P 5P2,5 M A1,0 PVC GY - Connecting cable

1692859 Datasheet (HTML) - PHOENIX CONTACT


1692859 Product details

Connecting cable, product family: IPD, connection method: Push-lock connection, number of
positions: 4+PE, Pin, 0.5 mm2 ... 2.5 mm2, 450 V, 16 A, PA, light gray, coding: P, 2.5 mm2, cable
length: 1 m, Male straight, on free cable end

Your advantages
• Easy distribution of power, as components are plugged directly
• Simple, time-saving wiring in the field with Push-Lock connection
• Reliable installation in harsh environments with IP66, IP68, and IP69K throughout the entire system
• Secure, tool-free locking even in particularly difficult installation situations
• Fast commissioning with preassembled cable assemblies




Similar Part No. - 1692859

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1692853 PHOENIX-1692853 Datasheet
494Kb / 8P
IPD P 3P2,5 F A1,0 PVC GY - Connecting cable
1692855 PHOENIX-1692855 Datasheet
500Kb / 8P
IPD P 3P2,5 M A1,0 PVC GY - Connecting cable
1692858 PHOENIX-1692858 Datasheet
500Kb / 8P
IPD P 5P2,5 F A1,0 PVC GY - Connecting cable
More results


Similar Description - 1692859

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047319 PHOENIX-1047319 Datasheet
323Kb / 7P
Panel feed-through - IPD WD 3P2,5 M20 GY
1047322 PHOENIX-1047322 Datasheet
208Kb / 7P
Panel feed-through - IPD WD 3P2,5 M25 GY
1047344 PHOENIX-1047344 Datasheet
212Kb / 7P
Panel feed-through - IPD WD 5P2,5 M25 GY
1047345 PHOENIX-1047345 Datasheet
256Kb / 7P
Panel feed-through - IPD WD 5P2,5 M25 BK
1088671 PHOENIX-1088671 Datasheet
555Kb / 11P
Connector - IPD P 3P2,5 M GY
1088672 PHOENIX-1088672 Datasheet
587Kb / 12P
Connector - IPD PL 3P2,5 M GY
1088673 PHOENIX-1088673 Datasheet
555Kb / 11P
Connector - IPD P 3P2,5 F GY
1088674 PHOENIX-1088674 Datasheet
586Kb / 12P
Connector - IPD PL 3P2,5 F GY
1088687 PHOENIX-1088687 Datasheet
557Kb / 11P
Panel feed-through - IPD W 3P2,5 M M20 GY
1088688 PHOENIX-1088688 Datasheet
558Kb / 11P
Panel feed-through - IPD W 3P2,5 M M25 GY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com