Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWW-1005-SB Datasheet (PDF) - Eravant

SWW-1005-SB Datasheet PDF - Eravant
Part # SWW-1005-SB
Download  SWW-1005-SB Download
File Size   230.94 Kbytes
Page   1 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description WR-10 Waveguide Bulkhead Adapter, 0.50” Thick

SWW-1005-SB Datasheet (PDF)

Go To PDF Page Download Datasheet
SWW-1005-SB Datasheet PDF - Eravant

Part # SWW-1005-SB
Download  SWW-1005-SB Click to download

File Size   230.94 Kbytes
Page   1 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description WR-10 Waveguide Bulkhead Adapter, 0.50” Thick

SWW-1005-SB Datasheet (HTML) - Eravant


SWW-1005-SB Product details

Description:
SWW-1005-SB is a W-band waveguide bulkhead adapter with a WR-10 waveguide and UG-387/U-M Anti-Cocking Flange for applications where panel mount waveguide interfaces are required. The adapter is manufactured with precision EDM machining process to ensure high quality and ruggedness. The adapter is offered to cover the frequency range of 75 to 110 GHz. An EM gasket fitting the backside groove is included for further EMC compliance.
Features:
•Frequency Coverage: 75 to 110 GHz
•Rugged Waveguide Configuration
•Low Insertion Loss
Applications:
•Test Instrumentation
•Sub-assemblies




Similar Part No. - SWW-1005-SB

ManufacturerPart #DatasheetDescription
logo
Eravant
SWW-1205-SB ERAVANT-SWW-1205-SB Datasheet
252Kb / 2P
WR-12 Waveguide Bulkhead Adapter
Rev 1.1
SWW-1505-SB ERAVANT-SWW-1505-SB Datasheet
193Kb / 1P
WR-15 Waveguide Bulkhead Adapter
Rev. 1.0
SWW-18805-SB-G ERAVANT-SWW-18805-SB-G Datasheet
345Kb / 2P
0.188” Circular Waveguide Bulkhead Adapter
Rev 1.0
SWW-1905-SB ERAVANT-SWW-1905-SB Datasheet
358Kb / 2P
WR-19 Waveguide Bulkhead Adapter
Rev 1.2
More results


Similar Description - SWW-1005-SB

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWAD5000 PASTERNACK-PEWAD5000 Datasheet
367Kb / 3P
WR-10 Waveguide Bulkhead Adapter UG-387/U-Mod Round Cover Flange, 75 GHz to 110 GHz
PEWAD5001 PASTERNACK-PEWAD5001 Datasheet
367Kb / 3P
WR-12 Waveguide Bulkhead Adapter UG-387/U Round Cover Flange, 60 GHz to 90 GHz
PEWAD5002 PASTERNACK-PEWAD5002 Datasheet
366Kb / 3P
WR-15 Waveguide Bulkhead Adapter UG-385/U Round Cover Flange, 50 GHz to 75 GHz
PEWAD5004 PASTERNACK-PEWAD5004 Datasheet
364Kb / 3P
WR-22 Waveguide Bulkhead Adapter UG-383/U Round Cover Flange, 33 GHz to 50 GHz
PEWAD5011 PASTERNACK-PEWAD5011 Datasheet
419Kb / 4P
WR-51 Waveguide Bulkhead Adapter Square Cover Flange, 15 GHz to 22 GHz
PEWAD5013 PASTERNACK-PEWAD5013 Datasheet
438Kb / 4P
WR-75 Waveguide Bulkhead Adapter Square Cover Flange, 10 GHz to 15 GHz
PEWAD5015 PASTERNACK-PEWAD5015 Datasheet
442Kb / 4P
WR-90 Waveguide Bulkhead Adapter CPR-90G Flange, 8.2 GHz to 12.4 GHz
PEWAD5016 PASTERNACK-PEWAD5016 Datasheet
421Kb / 4P
WR-112 Waveguide Bulkhead Adapter UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz
PEWAD5017 PASTERNACK-PEWAD5017 Datasheet
422Kb / 4P
WR-112 Waveguide Bulkhead Adapter CPR-112G Flange, 7.05 GHz to 10 GHz
PEWAD5019 PASTERNACK-PEWAD5019 Datasheet
422Kb / 4P
WR-137 Waveguide Bulkhead Adapter CPR-137G Flange, 5.85 GHz to 8.2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com