Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INS401 Datasheet (PDF) - Aceinna Inc.

INS401 Datasheet PDF - Aceinna Inc.
Part # INS401
Download  INS401 Download
File Size   1242.17 Kbytes
Page   4 Pages
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.
Description AUTOMOTIVE INERTIAL NAVIGATION SYSTEM

INS401 Datasheet (PDF)

Go To PDF Page Download Datasheet
INS401 Datasheet PDF - Aceinna Inc.

Part # INS401
Download  INS401 Click to download

File Size   1242.17 Kbytes
Page   4 Pages
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.
Description AUTOMOTIVE INERTIAL NAVIGATION SYSTEM

INS401 Datasheet (HTML) - Aceinna Inc.


INS401 Product details

Applications

Autonomous Vehicles

ADAS Systems

Agriculture Vehicle Auto Steer Systems

Construction Vehicles

Features

100 Hz GNSS/INS solution; position, velocity, attitude

Supported GNSS
GPS
L1 C/A + L2C
GLONASS
G1
BeiDou
B1I+B2I
Galileo
E1 +E5b
QZSS
L1 C/A + L2C

80 channels tracking and RTK algorithm support for centimeter level accuracy

Integrated and calibrated triple-redundant MEMS Inertial Measurement Unit – ±8 g and ±200 °/s

Ethernet interface (for CAN see INS401-C)

1PPS output

Includes functionality for saving navigation data prior to shut down for faster initialization




Similar Part No. - INS401

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
INS466 NJSEMI-INS466 Datasheet
80Kb / 1P
HIGH SURGE CAPACITY PROVIDES TRANSIENT PROTECTION FOR MOST CRITICAL CIRCUITS.
More results


Similar Description - INS401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YGV613 ETC-YGV613 Datasheet
877Kb / 14P
NVDP NAVIGATION SYSTEM VDP
logo
STMicroelectronics
STA2059 STMICROELECTRONICS-STA2059 Datasheet
73Kb / 4P
IN VEHICLE NAVIGATION/TELEMATICS SYSTEM ON CHIP
Sep-2004
logo
Cypress Semiconductor
CYONS2000 CYPRESS-CYONS2000 Datasheet
1Mb / 36P
OvationONS??II Wired Laser Navigation System-on-Chip
CYONS2001 CYPRESS-CYONS2001 Datasheet
1Mb / 35P
OvationONS??II Wireless Laser Navigation System-on-Chip
logo
Honeywell Accelerometer...
QA-2000 HONEYWELL-ACC-QA-2000 Datasheet
83Kb / 2P
The inertial navigation standard
QA-3000 HONEYWELL-ACC-QA-3000 Datasheet
71Kb / 2P
Highest inertial navigation-grade performance
logo
Pulse A Technitrol Comp...
W3010 PULSE-W3010 Datasheet
1Mb / 8P
Monarch Series: Satellite Navigation System
logo
Panasonic Semiconductor
EWTS5G PANASONIC-EWTS5G Datasheet
529Kb / 5P
6DoF Automotive Inertial Sensor
EWTS5G PANASONIC-EWTS5G_V01 Datasheet
1Mb / 39P
6DoF Inertial Sensor for Automotive
Revision: 1.04 6/09/2022
logo
Broadcom Corporation.
BCM4760 BOARDCOM-BCM4760 Datasheet
532Kb / 2P
PERSONAL NAVIGATION SYSTEM-ON-CHIP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com