Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8565R Datasheet (PDF) - Microchip Technology

KSZ8565R Datasheet PDF - Microchip Technology
Part # KSZ8565R
Download  KSZ8565R Download
File Size   4029.0 Kbytes
Page   235 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 5-Port 10/100 Ethernet Switch with Audio Video Bridging and Single RGMII/MII/RMII Interface

KSZ8565R Datasheet (PDF)

Go To PDF Page Download Datasheet
KSZ8565R Datasheet PDF - Microchip Technology

Part # KSZ8565R
Download  KSZ8565R Click to download

File Size   4029.0 Kbytes
Page   235 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 5-Port 10/100 Ethernet Switch with Audio Video Bridging and Single RGMII/MII/RMII Interface

KSZ8565R Datasheet (HTML) - Microchip Technology


KSZ8565R Product details

Features
• Switch Management Capabilities
- 10/100Mbps Ethernet switch basic functions: frame
buffer management, address look-up table, queue
management, MIB counters
- Non-blocking store-and-forward switch fabric assures
fast packet delivery by utilizing 4096 entry forwarding
table with 256kByte frame buffer
- Jumbo packet support up to 9000 bytes
- Port mirroring/monitoring/sniffing:
ingress and/or egress traffic to any port
- Rapid spanning tree protocol (RSTP) support for topology
management and ring/linear recovery
- Multiple spanning tree protocol (MSTP) support
• One Configurable External MAC Port
- Reduced Gigabit Media Independent Interface
(RGMII) v2.0
- Reduced Media Independent Interface (RMII) v1.2
with 50MHz reference clock input/output optionvm
- Media Independent Interface (MII) in PHY/MAC mode
• Four Integrated PHY Ports
- 100BASE-TX/10BASE-T/Te IEEE 802.3
- Fast Link-up option significantly reduces link-up time
- Auto-negotiation and Auto-MDI/MDI-X support
- Energy-Efficient Ethernet (EEE) support with lowpower
idle mode and clock stoppage
- On-chip termination resistors and internal biasing for
differential pairs to reduce power
• Advanced Switch Capabilities
- IEEE 802.1Q VLAN support for 128 active VLAN
groups and the full range of 4096 VLAN IDs
- IEEE 802.1p/Q tag insertion/removal on per port basis
- VLAN ID on per port or VLAN basis
- IEEE 802.3x full-duplex flow control and half-duplex
back pressure collision control
- IEEE 802.1X access control (Port and MAC address)
- IGMP v1/v2/v3 snooping for multicast packet filtering
- IPv6 multicast listener discovery (MLD) snooping
- IPv4/IPv6 QoS support, QoS/CoS packet prioritization
- 802.1p QoS packet classification with 4 priority queues
- Programmable rate limiting at ingress/egress ports
• IEEE 1588v2 PTP and Clock Synchronization
- Transparent Clock (TC) with auto correction update
- Master and slave Ordinary Clock (OC) support
- End-to-end (E2E) or peer-to-peer (P2P)
- PTP multicast and unicast message support
- PTP message transport over IPv4/v6 and IEEE 802.3
- IEEE 1588v2 PTP packet filtering
- Synchronous Ethernet support via recovered clock
• Audio Video Bridging (AVB)
- Compliant with IEEE 802.1BA/AS/Qat/Qav standards
- Priority queuing,
- gPTP time synchronization, credit-based traffic shaper
• Comprehensive Configuration Registers Access
- High-speed 4-wire SPI (up to 50MHz), I2C interfaces
provide access to all internal registers
- MII Management (MIIM, MDC/MDIO 2-wire) Interface
provides access to all PHY registers
- In-band management via any of the data ports
- I/O pin strapping facility to set certain register bits from
I/O pins at reset time
• Power Management
- IEEE 802.3az Energy Efficient Ethernet (EEE)
- Energy detect power-down mode on cable disconnect
- Dynamic clock tree control
- Unused ports can be individually powered down
- Full-chip software power-down
- Wake-on-LAN (WoL) standby power mode with PME
interrupt output for system wake upon triggered events
Target Applications
• Industrial Ethernet (Profinet, MODBUS, Ethernet/IP)
• Real-time Ethernet networks
• IEC 61850 networks w/ power substation automation
• Industrial control/automation switches
• Networked measurement and control systems
• Test and measurement equipment




Similar Part No. - KSZ8565R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8563R MICROCHIP-KSZ8563R Datasheet
1Mb / 221P
3-Port 10/100 Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
05/14/19
KSZ8563RNX MICROCHIP-KSZ8563RNX Datasheet
5Mb / 11P
3-Port 10/100 Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2 / 802.1AS
12-16-16
KSZ8563RNXV MICROCHIP-KSZ8563RNXV Datasheet
5Mb / 11P
3-Port 10/100 Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2 / 802.1AS
12-16-16
KSZ8563RNXV-TR MICROCHIP-KSZ8563RNXV-TR Datasheet
5Mb / 11P
3-Port 10/100 Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2 / 802.1AS
12-16-16
KSZ8563RNXV-TR-VAO MICROCHIP-KSZ8563RNXV-TR-VAO Datasheet
5Mb / 11P
3-Port 10/100 Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2 / 802.1AS
12-16-16
More results


Similar Description - KSZ8565R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8895MQ MICREL-KSZ8895MQ Datasheet
1Mb / 116P
Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
KSZ8895MQ MICREL-KSZ8895MQ_12 Datasheet
1Mb / 116P
Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
logo
Microchip Technology
KSZ8794CNX MICROCHIP-KSZ8794CNX Datasheet
1Mb / 124P
Integrated 4-Port 10/100 Managed Ethernet Switch with Gigabit RGMII/MII/RMII Interface
07/14/15
KSZ8775CLX MICROCHIP-KSZ8775CLX Datasheet
1Mb / 132P
Integrated 5?밣ort 10/100 Managed Ethernet Switch with Port 4 RMII and Port 5 RGMII/MII/RMII Interfaces
06/17/16
KSZ8563R MICROCHIP-KSZ8563R Datasheet
1Mb / 221P
3-Port 10/100 Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
05/14/19
KSZ8765CLX MICROCHIP-KSZ8765CLX_V01 Datasheet
1Mb / 132P
Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/ RMII Interfaces
DS00002130C (05-02-22)
KSZ9563R MICROCHIP-KSZ9563R Datasheet
3Mb / 226P
3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
DS00002419D 06-11-19
KSZ9567R MICROCHIP-KSZ9567R Datasheet
3Mb / 232P
7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
DS00002329D 07-08-19
KSZ9893R MICROCHIP-KSZ9893R Datasheet
3Mb / 189P
3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface
DS00002420D 06-11-19
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com