Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD020N03LF2S Datasheet (PDF) - Infineon Technologies AG

IPD020N03LF2S Datasheet PDF - Infineon Technologies AG
Part # IPD020N03LF2S
Download  IPD020N03LF2S Download
File Size   946.92 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET StrongIRFET™ 2 PowerTransistor, 30 V

IPD020N03LF2S Datasheet (PDF)

Go To PDF Page Download Datasheet
IPD020N03LF2S Datasheet PDF - Infineon Technologies AG

Part # IPD020N03LF2S
Download  IPD020N03LF2S Click to download

File Size   946.92 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET StrongIRFET™ 2 PowerTransistor, 30 V

IPD020N03LF2S Datasheet (HTML) - Infineon Technologies AG


IPD020N03LF2S Product details

Features
• Optimized for wide range of applications
• N‑channel, logic level
• 100% avalanche tested
• 175°C rated
• Pb‑free lead plating; RoHS compliant
• Halogen‑free according to IEC61249‑2‑21




Similar Part No. - IPD020N03LF2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD023N03LF2S INFINEON-IPD023N03LF2S Datasheet
948Kb / 13P
MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V
Revision 1.0 2024-09-20
IPD023N04NF2S INFINEON-IPD023N04NF2S Datasheet
1,001Kb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.1, 2022-09-20
IPD025N06N INFINEON-IPD025N06N Datasheet
1,021Kb / 2P
New OptiMOS??40V and 60V
07 / 2012
IPD025N06N INFINEON-IPD025N06N Datasheet
621Kb / 9P
Optimized for synchronous rectification
Rev.2.3 2012-12-20
IPD025N06N INFINEON-IPD025N06N Datasheet
1Mb / 12P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.5,2014-07-23
More results


Similar Description - IPD020N03LF2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD09N05 INFINEON-SPD09N05 Datasheet
146Kb / 8P
SIPMOS PowerTransistor
06.99
logo
Guangdong Kexin Industr...
KMDF2C03HD KEXIN-KMDF2C03HD Datasheet
57Kb / 3P
Power MOSFET 2 Am, 30 V
logo
Galaxy Semi-Conductor H...
2SB1308 BILIN-2SB1308 Datasheet
151Kb / 3P
PowerTransistor
Rev.A
logo
Infineon Technologies A...
IRF250P224 INFINEON-IRF250P224 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF250P225 INFINEON-IRF250P225 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF200P223 INFINEON-IRF200P223 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF200S234 INFINEON-IRF200S234 Datasheet
1Mb / 18P
IR MOSFET - StrongIRFET?
V2.0 2017-6-30
IRF300P227 INFINEON-IRF300P227 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V2.0 2017-11-14
IRL60SC216 INFINEON-IRL60SC216 Datasheet
1Mb / 11P
StrongIRFET
Rev.2.2,2020-07-02
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
StrongIRFET™
V2.2 2020-01-07
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com