Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNO480B2 Datasheet (PDF) - Rakon Limited

LNO480B2 Datasheet PDF - Rakon Limited
Part # LNO480B2
Download  LNO480B2 Download
File Size   562.2 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 480 MHz

LNO480B2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LNO480B2 Datasheet PDF - Rakon Limited

Part # LNO480B2
Download  LNO480B2 Click to download

File Size   562.2 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 480 MHz

LNO480B2 Datasheet (HTML) - Rakon Limited


LNO480B2 Product details

Product Description
LNO 480 B2 is a low noise and low power OCVCSO (Oven Controlled Voltage Controlled SAW Oscillator) at 480 MHz.
It is designed for lab environment (test equipment, shelter, ground based military equipment, etc.).
LNO 480 B2 is available in a 47.5 x 59.5 x 12.7 mm (typical values, excluding connectors) machined low profile package, including connectors and mounting pads.

Features
 Excellent phase noise performance (typical values) :
o - 141 dBc/Hz @ 1 kHz offset
o - 165 dBc/Hz @ 10 kHz offset
o - 178 dBc/Hz noise floor
 Broadband jitter < 4 fs (offset frequencies from 10 kHz to 40 MHz)

Applications
 Instrumentation (test equipment, simulator)
 Ground based military equipment as per MIL-PRF-28800F, Class 3
 Clock for high speed ADC/DAC




Similar Part No. - LNO480B2

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO480B1 TEMEX-LNO480B1 Datasheet
588Kb / 4P
Low Noise Oscillator
More results


Similar Description - LNO480B2

ManufacturerPart #DatasheetDescription
logo
TEMEX
SRB232 TEMEX-SRB232 Datasheet
253Kb / 4P
Ultra Low Noise SAW Oscillator @ 320 MHz
SRB248 TEMEX-SRB248 Datasheet
259Kb / 4P
Ultra Low Noise Voltage Controlled 480 MHz SAW Oscillator
LNO100 TEMEX-LNO100 Datasheet
873Kb / 9P
Low Noise Oscillator series
LNO480B1 TEMEX-LNO480B1 Datasheet
588Kb / 4P
Low Noise Oscillator
LNO500D1 TEMEX-LNO500D1 Datasheet
820Kb / 5P
Low Noise Oscillator
LNO800E1 TEMEX-LNO800E1 Datasheet
814Kb / 5P
Low Noise Oscillator
LNO1280B1 TEMEX-LNO1280B1 Datasheet
583Kb / 4P
Low Noise Oscillator
LNO4800B3 TEMEX-LNO4800B3 Datasheet
794Kb / 5P
Low Noise Oscillator
LNO5000B3 TEMEX-LNO5000B3 Datasheet
793Kb / 5P
Low Noise Oscillator series
LNO1000B1 TEMEX-LNO1000B1 Datasheet
469Kb / 3P
Low Noise Oscillator series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com